Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4610-1ARZ-R7
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4610-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 18Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 19Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 20Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 21Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ADA4610-1/ADA4610-2/ADA4610-4
Data Sheet
Rev. I | Page 20 of 27
THEORY OF OPERATION
The ADA4610-1/ADA4610-2/ADA4610-4 are manufactured
using the Analog Devices, Inc., iPolar® process, a 36 V dielectrically
isolated (DI) process with P-channel JFET technology. The
unique architecture of the ADA4610-1/ADA4610-2/ADA4610-4
makes it possible to combine high precision and high speed
characteristics into a high voltage, low power op amp. A simplified
schematic for the ADA4610-1/ADA4610-2/ADA4610-4 is
shown in Figure 57. The JFET input stage architecture offers
advantages of low input bias current, high bandwidth, high
gain, low noise, and no phase reversal when the applied input
signal exceeds the common-mode voltage range. The output
stage is rail-to-rail with high drive characteristics and low
dropout voltage for both sinking and sourcing currents.
The ADA4610-1/ADA4610-2/ADA4610-4 are unconditionally
stable for all gain configurations, even with capacitive loads
well in excess of 1 nF. The devices have internal protective
circuitry that allows voltages as high as 0.3 V beyond the
supplies to be applied at the input of either terminal without
causing damage (for higher input voltages, refer to the Input
Overvoltage Protection section).
The ADA4610-1/ADA4610-2 B grades achieve less than 0.4 mV
of offset and 2 μV/°C of offset drift; these characteristics are
usually associated with very high precision bipolar input
amplifiers. The gate current of a typical JFET doubles every
10°C, resulting in a similar increase in input bias current over
temperature. The low power consumption characteristic of the
ADA4610-1/ADA4610-2/ADA4610-4 minimizes the die
temperature, which warrants low input bias currents even at
elevated ambient temperatures, making the amplifiers ideal for
applications that require low leakage specifications without active
cooling. Ensure proper printed circuit board (PCB) layout to
minimize leakage currents between PCB traces. Improper layout
and board handling can generate leakage currents exceeding
the bias currents of the operational amplifier.
The ADA4610-1/ADA4610-2/ADA4610-4 are fully specified with
supply voltages from ±5 V to ±15 V over the extended industrial
temperature range of −40°C to +125°C. The ADA4610-1 is
available in an 8-lead SOIC. The ADA4610-2 is available in an
8-lead MSOP, an 8-lead SOIC, and an 8-lead LFCSP. The
ADA4610-4 is available in a 14-lead SOIC and a 16-lead LFCSP.
All these packages are surface-mount type.
1+
+–
D31
Q28
Q27
VOUT
V–
Q15
Q14
Q13
Q17
Q16
Q23
Q29
Q30
J1
J2
Q9
Q5
Q4
Q8
Q1
Q6
Q7
Q25
Q24
Q18
Q12
I2
I3
I4
C2
C1
C3
DE1
VIN+
VIN–
C4
A2
A1
R16
R7
R6
R3
R5
R2
R10
R11
RC4
D26
R15
V+
DE5
DE6
DE3
DE2
DE4
Figure 57. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com