Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4610-1ARZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4610-1ARZ-R7
Description  Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610-1ARZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4610-1ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 9Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4610-1ARZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADA4610-1/ADA4610-2/ADA4610-4
Rev. I | Page 9 of 27
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 4. ADA4610-2 Pin Configuration, 8-Lead SOIC (R Suffix)
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
1
2
3
4
8
7
6
5
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 5. ADA4610-2 Pin Configuration, 8-Lead MSOP (RM Suffix)
NOTES
1. THE EXPOSED PAD MUST BE
CONNECTED TO V–.
OUT A
–IN A
+IN A
V–
OUT B
V+
–IN B
+IN B
3
4
1
2
6
5
8
7
ADA4610-2
TOP VIEW
(Not to Scale)
Figure 6. ADA4610-2 Pin Configuration, 8-Lead LFCSP (CP Suffix)
Table 8. ADA4610-2 Pin Function Descriptions, 8-Lead SOIC, 8-Lead MSOP, and 8-Lead LFCSP
Pin No.
Mnemonic
Description
1
OUT A
Output Channel A.
2
−IN A
Inverting Input Channel A.
3
+IN A
Noninverting Input Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input Channel B.
6
−IN B
Inverting Input Channel B.
7
OUT B
Output Channel B.
8
V+
Positive Supply Voltage.
EPAD
Exposed Pad for the 8-Lead LFCSP (CP Suffix). The exposed pad must be connected to V−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com