Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4522-2ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4522-2ARZ-R7 Datasheet HTML 22Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 23Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 24Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 25Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
THEORY OF OPERATION
analog.com
Rev. G | 26 of 33
Figure 78. Current Noise Density at Gain = 1
EMI REJECTION RATIO
Circuit performance is often adversely affected by high frequency
EMI. When the signal strength is low and transmission lines are
long, an op amp must accurately amplify the input signals. Howev-
er, all op amp pins—the noninverting input, inverting input, positive
supply, negative supply, and output pins—are susceptible to EMI
signals. These high frequency signals are coupled into an op amp
by various means, such as conduction, near field radiation, or far
field radiation. For example, wires and printed circuit board (PCB)
traces can act as antennas and pick up high frequency EMI signals.
Amplifiers do not amplify EMI or RF signals due to their relatively
low bandwidth. However, due to the nonlinearities of the input
devices, op amps can rectify these out of band signals. When these
high frequency signals are rectified, they appear as a dc offset at
the output.
The ADA4522-1/ADA4522-2/ADA4522-4 have integrated EMI filters
at their input stage. To describe the ability of the ADA4522-1/
ADA4522-2/ADA4522-4 to perform as intended in the presence of
electromagnetic energy, the electromagnetic interference rejection
ratio (EMIRR) of the noninverting pin is specified in Table 2, Table
3, and Table 4 of the Specifications section. A mathematical method
of measuring EMIRR is defined as follows:
EMIRR = 20log(VIN_PEAK/ΔVOS)
Figure 79. EMIRR vs. Frequency
CAPACITIVE LOAD STABILITY
The ADA4522-1/ADA4522-2/ADA4522-4 can safely drive capacitive
loads of up to 250 pF in any configuration. As with most amplifiers,
driving larger capacitive loads than specified may cause excessive
overshoot and ringing, or even oscillation. A heavy capacitive load
reduces the phase margin and causes the amplifier frequency
response to peak. Peaking corresponds to overshooting or ringing
in the time domain. Therefore, it is recommended that external
compensation be used if the ADA4522-1/ADA4522-2/ADA4522-4
must drive a load exceeding 250 pF. This compensation is particu-
larly important in the unity-gain configuration, which is the worst
case for stability.
A quick and easy way to stabilize the op amp for capacitive load
drive is by adding a series resistor, RISO, between the amplifier
output terminal and the load capacitance, as shown in Figure
80. RISO isolates the amplifier output and feedback network from
the capacitive load. However, with this compensation scheme, the
output impedance as seen by the load increases, and this reduces
gain accuracy.
Figure 80. Stability Compensation with Isolating Resistor, RISO
Figure 81 shows the effect on overshoot with different values of
RISO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com