Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4522-2ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4522-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
Amplifiers
Rev. G
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Low offset voltage: 5 µV maximum
►
Extremely low offset voltage drift: 22 nV/°C maximum
►
Low voltage noise density: 5.8 nV/√Hz typical
►
117 nV p-p typical from 0.1 Hz to 10 Hz
►
Low input bias current: 50 pA typical
►
Unity-gain crossover: 3 MHz typical
►
Single-supply operation: input voltage range includes ground and
rail-to-rail output
►
Wide range of operating voltages
►
Single-supply operation: 4.5 V to 55 V
►
Dual-supply operation: ±2.25 V to ±27.5 V
►
Integrated EMI filters
►
Unity-gain stable
APPLICATIONS
►
Inductance, capacitance, and resistance (LCR) meter/ megohm-
meter front-end amplifiers
►
Load cell and bridge transducers
►
Magnetic force balance scales
►
High precision shunt current sensing
►
Thermocouple/resistance temperature detector (RTD) sensors
►
Programmable logic controller (PLC) input and output amplifiers
PIN CONNECTION DIAGRAM
Figure 1. 8-Lead MSOP (RM Suffix) and 8-Lead SOIC (R Suffix) Pin
Configuration
For the ADA4522-1 and ADA4522-4 pin connections and for more
information about the pin connections for these products, see the
Pin Configurations and Function Descriptions section.
Figure 2. Voltage Noise Density vs. Frequency, VSY = ±15 V
GENERAL DESCRIPTION
The ADA4522-1/ADA4522-2/ADA4522-4 are single/dual/quad
channel, zero drift op amps with low noise and power, ground
sensing inputs, and rail-to-rail output, optimized for total accuracy
over time, temperature, and voltage conditions. The wide operating
voltage and temperature ranges, as well as the high open-loop gain
and very low dc and ac errors make the devices well suited for
amplifying very small input signals and for accurately reproducing
larger signals in a wide variety of applications.
The ADA4522-1/ADA4522-2/ADA4522-4 performance is specified
at 5.0 V, 30 V, and 55 V power supply voltages. These devices
operate over the range of 4.5 V to 55 V, and are excellent for appli-
cations using single-ended supplies of 5 V, 10 V, 12 V, and 30 V,
or for applications using higher single supplies and dual supplies of
±2.5 V, ±5 V, and ±15 V. The ADA4522-1/ADA4522-2/ADA4522-4
use on-chip filtering to achieve high immunity to electromagnetic
interference (EMI).
The ADA4522-1/ADA4522-2/ADA4522-4 are fully specified over the
extended industrial temperature range of −40°C to +125°C and are
available in 8-lead MSOP, 8-lead SOIC, 14-lead SOIC, and 14‑lead
TSSOP packages.
Table 1. Zero Drift Op Amps (<0.1 µV/°C)
Supply Voltage
5 V
16 V
30 V
55 V
Single
ADA4528-1
AD8638
ADA4638-1
ADA4522-1
AD8628
AD8538
ADA4051-1
Dual
ADA4528-2
AD8639
ADA4522-2
AD8629
AD8539
ADA4051-2
Quad
AD8630
ADA4522-4


Similar Part No. - ADA4522-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4522-2ARZ-R7 AD-ADA4522-2ARZ-R7 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
ADA4522-2ARZ-R7 AD-ADA4522-2ARZ-R7 Datasheet
1Mb / 48P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev I; 3/25
More results

Similar Description - ADA4522-2ARZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA188 TI1-OPA188 Datasheet
483Kb / 23P
0.03-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA188 TI-OPA188_13 Datasheet
1Mb / 33P
Precision, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift Operational Amplifiers
OPA188 TI-OPA188_15 Datasheet
1Mb / 34P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
logo
Analog Devices
ADA4522-2 AD-ADA4522-2 Datasheet
895Kb / 30P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifier
REV. B
ADA4522-1 AD-ADA4522-1 Datasheet
1,014Kb / 32P
55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
Rev. E
logo
Texas Instruments
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com