Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4522-2ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADA4522-2ARZ-R7 Datasheet HTML 1Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 2Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 3Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 4Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 5Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 6Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 7Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 8Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
TABLE OF CONTENTS
analog.com
Rev. G | 2 of 33
Features................................................................ 1
Applications........................................................... 1
Pin Connection Diagram........................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics—5.0 V Operation....... 3
Electrical Characteristics—30 V Operation........ 4
Electrical Characteristics—55 V Operation........ 5
Absolute Maximum Ratings...................................8
Thermal Resistance........................................... 8
Power Sequencing............................................. 8
ESD Caution.......................................................8
Pin Configurations and Function Descriptions.......9
Typical Performance Characteristics................... 11
Theory of Operation.............................................22
On-Chip Input EMI Filter and Clamp Circuit..... 22
Thermal Shutdown........................................... 22
Input Protection................................................ 23
Single-Supply and Rail-to-Rail Output..............23
Large Signal Transient Response.................... 23
Noise Considerations....................................... 24
EMI Rejection Ratio..........................................26
Capacitive Load Stability..................................26
Applications Information...................................... 28
Single-Supply Instrumentation Amplifier.......... 28
Load Cell/Strain Gage Sensor Signal
Conditioning Using the ADA4522-2................28
Precision Low-Side Current Shunt Sensor.......29
Printed Circuit Board Layout............................ 29
Comparator Operation......................................30
Use of Large Source Resistance......................30
Outline Dimensions............................................. 32
Ordering Guide.................................................33
REVISION HISTORY
2/2022—Rev. F to Rev. G
Change to Figure 2.......................................................................................................................................... 1
Changes to Figure 60 to Figure 63................................................................................................................ 20
Change to Figure 76...................................................................................................................................... 25
Changes to Ordering Guide........................................................................................................................... 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com