Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 8 Page - Analog Devices

Part # AD704
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD704 Datasheet HTML 4Page - Analog Devices AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices AD704 Datasheet HTML 10Page - Analog Devices AD704 Datasheet HTML 11Page - Analog Devices AD704 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD704
Rev. E | Page 8 of 16
500
+125°C
+25°C
–55°C
450
400
350
200
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 19. Quiescent Supply Current vs. Supply Voltage (per Amplifier)
160
140
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
Figure 20. Common-Mode Rejection vs. Frequency
180
160
140
120
100
80
60
40
20
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
TA = 25°C
–PSR
+PSR
Figure 21. Power Supply Rejection vs. Frequency
10M
1M
100k
1
10
100
LOAD RESISTANCE (k
Ω)
+125°C
+25°C
–55°C
Figure 22. Open-Loop Gain vs. Load Resistance Over Temperature
120
100
80
60
40
20
0
140
0
30
60
90
120
150
180
–20
0.01
0.1
1
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN
PHASE
Figure 23. Open-Loop Gain and Phase vs. Frequency
+VS
RL = 10kΩ
–0.5
–1.0
–1.5
+1.5
+1.0
+0.5
–VS
0
5
10
15
20
SUPPLY VOLTAGE (±V)
Figure 24. Output Voltage Swing vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com