Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 14 Page - Analog Devices

Part # AD704
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices AD704 Datasheet HTML 10Page - Analog Devices AD704 Datasheet HTML 11Page - Analog Devices AD704 Datasheet HTML 12Page - Analog Devices AD704 Datasheet HTML 13Page - Analog Devices AD704 Datasheet HTML 14Page - Analog Devices AD704 Datasheet HTML 15Page - Analog Devices AD704 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD704
Rev. E | Page 14 of 16
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
1
20
4
9
8
13
19
14
3
18
BOTTOM
VIEW
0.028 (0.71)
0.022 (0.56)
45° TYP
0.015 (0.38)
MIN
0.055 (1.40)
0.045 (1.14)
0.050 (1.27)
BSC
0.075 (1.91)
REF
0.011 (0.28)
0.007 (0.18)
R TYP
0.095 (2.41)
0.075 (1.90)
0.100 (2.54) REF
0.200 (5.08)
REF
0.150 (3.81)
BSC
0.075 (1.91)
REF
0.358 (9.09)
0.342 (8.69)
SQ
0.358
(9.09)
MAX
SQ
0.100 (2.54)
0.064 (1.63)
0.088 (2.24)
0.054 (1.37)
Figure 39. 20-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-20-1)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD704AR-16
−40°C to +85°C
16-Lead SOIC_W
RW -16
AD704AR-16-REEL
−40°C to +85°C
16-Lead SOIC_W
RW -16
AD704ARZ-16
−40°C to +85°C
16-Lead SOIC_W
RW -16
AD704ARZ-16-REEL
−40°C to +85°C
16-Lead SOIC_W
RW -16
AD704JN
0°C to 70°C
14-Lead PDIP
N-14
AD704JNZ
0°C to 70°C
14-Lead PDIP
N-14
AD704JR-16
0°C to 70°C
16-Lead SOIC_W
RW -16
AD704JR-16-REEL
0°C to 70°C
16-Lead SOIC_W
RW -16
AD704JRZ-16
0°C to 70°C
16-Lead SOIC_W
RW -16
AD704JRZ-16-REEL
0°C to 70°C
16-Lead SOIC_W
RW -16
AD704SE/883B
−55°C to +125°C
20-Terminal LCC
E-20-1
1
Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com