Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD704 Datasheet(PDF) 9 Page - Analog Devices

Part # AD704
Description  Picoampere Input Current Quad Bipolar Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD704 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD704 Datasheet HTML 5Page - Analog Devices AD704 Datasheet HTML 6Page - Analog Devices AD704 Datasheet HTML 7Page - Analog Devices AD704 Datasheet HTML 8Page - Analog Devices AD704 Datasheet HTML 9Page - Analog Devices AD704 Datasheet HTML 10Page - Analog Devices AD704 Datasheet HTML 11Page - Analog Devices AD704 Datasheet HTML 12Page - Analog Devices AD704 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD704
Rev. E | Page 9 of 16
1k
100
10
1
0.1
0.01
0.001
1
10
100
1k
10k
100k
FREQUENCY (Hz)
AV = –1000
AV = +1
IOUT = 1mA
Figure 25. Closed-Loop Output Impedance vs. Frequency
1/4
AD704
+VS
0.1µF
0.1µF
RL
2k
Ω
CL
RF
VOUT
VIN
–VS
SQUARE
WAVE INPUT
Figure 26. Unity Gain Follower (for Large Signal Applications, Resistor RF
Limits the Current Through the Input Protection Diodes)
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
0%
2V
50µs
Figure 27. Unity Gain Follower Large Signal Pulse Response RF = 10 kΩ,
CL = 1000 pF
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
0%
20mV
5µs
Figure 28. Unity Gain Follower Small Signal Pulse Response RF = 0 Ω,
CL = 100 pF
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
100
90
10
0%
20mV
5µs
Figure 29. Unity Gain Follower Small Signal Pulse Response RF = 0 Ω,
CL = 1000 pF
1/4
AD704
+VS
0.1µF
0.1µF
RL
2.5k
Ω
CL
10k
Ω
10k
Ω
VOUT
VIN
–VS
SQUARE
WAVE INPUT
Figure 30. Unity Gain Inverter Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com