Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007AKSZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8007AKSZ-R2
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKSZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8007AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8007/AD8008
Rev. E | Page 10 of
20
VS = ±5 V, RS = 200 Ω, RF = 499 Ω, RL = 150 Ω, @ 25°C, unless otherwise noted.
FREQUENCY (MHz)
100
10
–40
1
–110
–100
–90
–80
–70
–60
–50
G = 1
VS = 5V
VO = 1V p-p
HD2, RL = 150Ω
HD2, RL = 1kΩ
HD3, RL = 150Ω
HD3, RL = 1kΩ
Figure 24. AD8008 Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (MHz)
–40
1
100
10
–110
–100
–90
–80
–70
–60
–50
G = 1
VS = 5V
VO = 1V p-p
HD2, RL = 150Ω
HD2, RL = 1kΩ
HD3, RL = 1kΩ
HD3, RL = 150Ω
Figure 25. AD8008 Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (MHz)
100
10
HD2, G = 10
HD2, G = 1
HD3, G = 1
HD3, G = 10
–40
1
–110
–100
–90
–80
–70
–60
–50
–30
VS = ±5V
VO = 2V p-p
RL = 150Ω
Figure 26. AD8008 Second and Third Harmonic Distortion vs. Frequency and Gain
FREQUENCY (MHz)
100
10
–40
1
–110
–100
–90
–80
–70
–60
–50
G = 2
VS = 5V
VO = 1V p-p
HD2, RL = 150Ω
HD2, RL = 1kΩ
HD3, RL = 150Ω
HD3, RL = 1kΩ
Figure 27. AD8008 Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (MHz)
100
10
–40
1
–110
–100
–90
–80
–70
–60
–50
G = 2
VS = ±5V
VO = 2V p-p
HD2, RL = 1kΩ
HD2, RL = 150Ω
HD3, RL = 1kΩ
HD3, RL = 150Ω
Figure 28. AD8008 Second and Third Harmonic Distortion vs. Frequency and RL
FREQUENCY (MHz)
100
10
–40
–110
–100
–90
–80
–70
–60
–50
–30
1
G = 2
RL = 150Ω
VS = ±5V
HD2, VO = 4V p-p
HD2, VO = 2V p-p
HD3, VO = 4V p-p
HD3, VO = 2V p-p
Figure 29. AD8008 Second and Third Harmonic Distortion vs. Frequency and VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com