Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007AKSZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8007AKSZ-R2
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKSZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8007AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 16Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 17Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 18Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 19Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
AD8007/AD8008
Rev. E | Page 17 of
20
LAYOUT AND GROUNDING CONSIDERATIONS
GROUNDING
A ground plane layer is important in densely packed printed
circuit boards (PCB) to minimize parasitic inductances. However,
an understanding of where the current flows in a circuit is critical
to implementing effective high speed circuit design. The length
of the current path is directly proportional to the magnitude of
parasitic inductances and thus the high frequency impedance of
the path. High speed currents in an inductive ground return
create unwanted voltage noise. Broad ground plane areas reduce
parasitic inductance.
INPUT CAPACITANCE
Along with bypassing and ground, high speed amplifiers can be
sensitive to parasitic capacitance between the inputs and ground.
Even 1 pF or 2 pF of capacitance reduces the input impedance at
high frequencies, in turn increasing the gain of the amplifier, which
causes peaking of the frequency response or even oscillations if
severe enough. Place the external passive components that are
connected to the input pins as close as possible to the inputs to
avoid parasitic capacitance. The ground and power planes must
be kept at a distance of at least 0.05 mm from the input pins on
all layers of the board.
OUTPUT CAPACITANCE
To a lesser extent, parasitic capacitances on the output can cause
peaking of the frequency response. The following two methods
minimize its effect:
•
Put a small value resistor in series with the output to isolate
the load capacitance from the output stage of the amplifier
(see Figure 12).
•
Increase the phase margin by increasing the gain of the
amplifier or by increasing the value of the feedback resistor.
INPUT-TO-OUTPUT COUPLING
To minimize capacitive coupling, the input and output signal
traces should not be parallel. When they are not parallel, they
help reduce unwanted positive feedback.
EXTERNAL COMPONENTS AND STABILITY
The AD8007/AD8008 are current feedback amplifiers and, to a
first order, the feedback resistor determines the bandwidth and
stability. The gain, load impedance, supply voltage, and input
impedances also have an effect.
Figure 11 shows the effect of changing RF on the bandwidth and
peaking for a gain of 2. Increasing RF reduces peaking but also
reduces bandwidth. Figure 6 shows that for a given RF increasing
the gain also reduces peaking and bandwidth. Table 4 shows the
recommended RF and RG values that optimize bandwidth with
minimal peaking.
Table 4. Recommended Component Values
Gain
RF (Ω)
RG (Ω)
RS (Ω)
−1
499
499
200
+1
499
Not applicable
200
+2
499
499
200
+5
499
124
200
+10
499
54.9
200
The load resistor also affects bandwidth, as shown in Figure 7 and
Figure 10. A comparison between Figure 7 and Figure 10 also
demonstrates the effect of gain and supply voltage.
When driving loads with a capacitive component, stability
improves by using a series snub resistor, RSNUB, at the output.
The frequency and pulse responses for various capacitive
loads are illustrated in Figure 12 and Figure 47, respectively.
For noninverting configurations, a resistor in series with the
input, RS, is needed to optimize stability for a gain of 1, as
illustrated in Figure 8. For larger noninverting gains, the effect
of a series resistor is reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com