Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8007AKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8007AKSZ-R2
Description  Ultralow Distortion, High Speed Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8007AKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8007AKSZ-R2 Datasheet HTML 1Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 2Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 3Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 4Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8007AKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Distortion,
High Speed Amplifiers
AD8007/AD8008
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Extremely low distortion
Second harmonic
−88 dBc @ 5 MHz
−83 dBc @ 20 MHz (AD8007)
−77 dBc @ 20 MHz (AD8008)
Third harmonic
−101 dBc @ 5 MHz
−92 dBc @ 20 MHz (AD8007)
−98 dBc @ 20 MHz (AD8008)
High speed
650 MHz, −3 dB bandwidth (G = +1)
1000 V/μs slew rate
Low noise
2.7 nV/√Hz input voltage noise
22.5 pA/√Hz input inverting current noise
Low power: 9 mA/amplifier typical supply current
Wide supply voltage range: 5 V to 12 V
0.5 mV typical input offset voltage
Small packaging: 8-lead SOIC, 8-lead MSOP, and 5-lead SC70
APPLICATIONS
Instrumentation
IF and baseband amplifiers
Filters
A/D drivers
DAC buffers
CONNECTION DIAGRAMS
8
7
6
5
1
2
3
4
NC = NO CONNECT
NC
–IN
+IN
NC
+VS
VOUT
NC
–VS
AD8007
(Top View)
Figure 1. 8-Lead SOIC (R)
5
1
2
3
–IN
+IN
+VS
VOUT
–VS
4
AD8007
(Top View)
Figure 2. 5-Lead SC70 (KS)
1
VOUT1
–IN1
+IN1
–VS
+VS
VOUT2
–IN2
+IN2
8
27
36
45
AD8008
(Top View)
Figure 3. 8-Lead SOIC (R) and 8-Lead MSOP (RM)
GENERAL DESCRIPTION
The AD8007 (single) and AD8008 (dual) are high performance
current feedback amplifiers with ultralow distortion and noise.
Unlike other high performance amplifiers, the low price and
low quiescent current allow these amplifiers to be used in a
wide range of applications. Analog Devices, Inc., proprietary
second-generation eXtra-Fast Complementary Bipolar (XFCB)
process enables such high performance amplifiers with low power
consumption.
The AD8007/AD8008 have 650 MHz bandwidth, 2.7 nV/√Hz
voltage noise, −83 dB SFDR at 20 MHz (AD8007), and −77 dBc
SFDR at 20 MHz (AD8008).
With the wide supply voltage range (5 V to 12 V) and wide
bandwidth, the AD8007/AD8008 are designed to work in a
variety of applications. The AD8007/AD8008 amplifiers have
a low power supply current of 9 mA/amplifier.
The AD8007 is available in a tiny SC70 package as well as a
standard 8-lead SOIC. The dual AD8008 is available in both an
8-lead SOIC and an 8-lead MSOP. These amplifiers are rated to
work over the industrial temperature range of −40°C to +85°C.
FREQUENCY (MHz)
–30
–40
–110
11
10
00
–70
–80
–90
–100
–50
–60
SECOND
G = +2
RL = 150Ω
VS = ±5V
VOUT = 2V p-p
THIRD
Figure 4. AD8007 Second and Third Harmonic Distortion vs. Frequency


Similar Part No. - AD8007AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8007AKSZ-R21 AD-AD8007AKSZ-R21 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
More results

Similar Description - AD8007AKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4011 TI-THS4011 Datasheet
439Kb / 30P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007 AD-AD8007 Datasheet
487Kb / 20P
ULTRALOW DISTORTION HIGH SPEED AMPLIFIERS
10/02-Data Sheet changed from REV. B to REV. C
AD8007 AD-AD8007_03 Datasheet
423Kb / 20P
Ultralow Distortion High Speed Amplifiers
REV. D
logo
Texas Instruments
THS4011IDGNR TI-THS4011IDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
THS4012CDGNR TI-THS4012CDGNR Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
logo
Analog Devices
AD8007ARZR7 AD-AD8007ARZR7 Datasheet
535Kb / 21P
Ultralow Distortion,High Speed Amplifiers
Rev. E
AD8007 AD-AD8007_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8008 AD-AD8008_15 Datasheet
587Kb / 21P
Ultralow Distortion, High Speed Amplifiers
Rev. E
AD8099 AD-AD8099_15 Datasheet
811Kb / 29P
Ultralow Distortion, High Speed
REV. D
logo
Texas Instruments
THS4011 TI1-THS4011_16 Datasheet
1Mb / 35P
290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com