Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8045
Rev. C | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
1000
1
10
100
1
0
–1
–2
–3
–4
–5
–6
–7
G = +2
G = –1
G = +10
VS = ±5V
RL = 1kΩ
Figure 7. Small Signal Frequency Response for Various Gains
FREQUENCY (MHz)
1000
10
100
4
3
2
1
0
–1
–3
–2
–4
–5
–6
G = +1
VS = ±5V
RS = 100Ω
RL = 500Ω
RL = 100Ω
RL = 1kΩ
Figure 8. Small Signal Frequency Response for Various Loads
FREQUENCY (MHz)
1000
10
100
5
4
3
2
0
1
–2
–1
–3
–4
–5
VS = ±5V
VS = ±2.5V
G = +1
RL = 1kΩ
RS = 100Ω
Figure 9. Small Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
1000
10
100
12
10
11
8
9
6
7
4
5
2
3
0
1
18pF
5pF
10pF
G = +2
VS = ±5V
RL = 1kΩ
RF = 499Ω
0pF
Figure 10. Small Signal Frequency Response for Various Capacitive Loads
FREQUENCY (MHz)
1000
10
100
4
2
0
–1
–3
3
1
–2
–4
–5
–6
–40°C
+25°C
+125°C
G = +1
VS = ±5V
RL = 1kΩ
Figure 11. Small Signal Frequency Response for Various Temperatures
FREQUENCY (MHz)
1
10
100
6.3
6.2
6.1
6.0
5.9
5.8
5.7
VOUT = 2V p-p
VOUT = 200mV p-p
G = +2
VS = ±5V
RF = 499Ω
RL = 150Ω
Figure 12. 0.1 dB Flatness vs. Frequency for Various Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com