Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 12 of 24
TIME (ns)
25
0
5
10
15
20
0.20
0.15
0.10
0
0.05
–0.05
–0.10
–0.15
–0.20
18pF
0pF
G = +2
VS = ±5V
RL = 1kΩ
Figure 37. Small Signal Transient Response with Capacitive Load
TIME (ns)
25
0
5
10
15
20
3
2
1
0
–1
–2
–3
VS = ±5V
RS = 100Ω
G = +2
LOAD = 1k
Ω OR 150Ω
Figure 38. Large Signal Transient Response for Various Loads
TIME (ns)
25
0
5
10
15
20
3
2
1
0
–1
–2
–3
VS = ±2.5V
VS = ±5V
RL = 1kΩ
RS = 100Ω
G = +1
Figure 39. Large Signal Transient Response for Various Supplies
TIME (ns)
25
0
5
10
15
20
3
1
2
0
–1
–2
–3
–4
0pF
10pF
18pF
VS = ±5V
RL = 1kΩ
G = +2
Figure 40. Large Signal Transient Response with Capacitive Load
TIME (ns)
25
0
5
10
15
20
3
2
1
0
–1
–2
–3
G = –1
VS = ±5V
RL = 1kΩ
Figure 41. Large Signal Transient Response, Inverting
TIME (ns)
200
0
20
40
60
80
100
120
140
160
180
6
4
3
5
2
1
0
–1
–2
–3
–4
–5
–6
G = +1
VS = ±5V
f = 5MHz
INPUT
OUTPUT
Figure 42. Input Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com