Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8045ACPZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8045ACPZ-R2
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ACPZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8045ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8045ACPZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 8 of 24
FREQUENCY (MHz)
1000
10
100
2
0
1
–2
–1
–4
–3
–6
–5
–8
–7
–10
–9
G = +1
RL = 1kΩ
RS = 100Ω
VOUT = 2V p-p
VS = ±2.5V
VS = ±5V
Figure 13. Large Signal Frequency Response for Various Supplies
FREQUENCY (MHz)
1000
10
100
2
0
1
–2
–1
–4
–3
–6
–5
–8
–9
–7
–10
G = +1
VS = ±5V
RS = 100Ω
VOUT = 2V p-p
RL = 1kΩ
RL = 100Ω
Figure 14. Large Signal Frequency Response for Various Loads
FREQUENCY (MHz)
1000
1
10
100
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
VS = ±5V
RF = 499Ω
RL = 1kΩ
VOUT = 2V p-p
G = +10
G = –1
G = +2
Figure 15. Large Signal Frequency Response for Various Gains
FREQUENCY (MHz)
1000
0.01
0.1
1
10
100
–360
0
–90
–135
–180
–45
–225
–270
–315
70
50
60
40
20
30
10
0
–10
VS = ±5V
RL = 1kΩ
Figure 16. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (MHz)
100
0.1
1
10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
HD3 SOIC AND LFCSP
HD2 LFCSP
HD2 SOIC
G = +1
VS = ±5V
VOUT = 2V p-p
RL = 1kΩ
RS = 100Ω
Figure 17. Harmonic Distortion vs. Frequency for Various Packages
FREQUENCY (MHz)
0.1
1
10
100
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
G = +1
VS = ±5V
VOUT = 4V p-p
RL = 1kΩ
HD3 LFCSP AND SOIC
HD2 LFCSP
HD2 SOIC
Figure 18. Harmonic Distortion vs. Frequency for Various Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com