Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9852 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9852
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 9Page - NXP Semiconductors TDA9852 Datasheet HTML 10Page - NXP Semiconductors TDA9852 Datasheet HTML 11Page - NXP Semiconductors TDA9852 Datasheet HTML 12Page - NXP Semiconductors TDA9852 Datasheet HTML 13Page - NXP Semiconductors TDA9852 Datasheet HTML 14Page - NXP Semiconductors TDA9852 Datasheet HTML 15Page - NXP Semiconductors TDA9852 Datasheet HTML 16Page - NXP Semiconductors TDA9852 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1997 Mar 11
13
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
CHARACTERISTICS
All voltages are measured relative to GND; VCC = 8.5 V; Rs = 600 Ω; RL =10kΩ; CL = 2.5 nF; AC-coupled; fi = 1 kHz;
Tamb =25 °C; gain control Gv = 0 dB; balance in mid position; loudness off; see Fig.1; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
VCC
supply voltage
8.0
8.5
9.0
V
ICC
supply current
−
75
95
mA
Vref
internal reference voltage at
pin Vref
−
4.25
−
V
Input level adjustment control
GLA
input level adjustment control
−3.5
−
+4.0
dB
Gstep
step resolution
−
0.5
−
dB
Vi(rms)
maximum input voltage level
(RMS value)
2
−−
V
Zi
input impedance
29.5
35
40.5
k
Ω
Stereo decoder
MPXL+R(rms) input voltage level for 100%
modulation L + R; 25 kHz
deviation (RMS value)
input level adjusted via I2C-bus
(L + R; fi = 300 Hz);
monitoring LINE OUT
−
250
−
mV
MPXL−R
input voltage level for 100%
modulation L
− R; 50 kHz
deviation (peak value)
−
707
−
mV
MPX(max)
maximum headroom for L + R,
L, R
fmod < 15 kHz; THD < 15%
9
−−
dB
MPXpilot(rms) nominal stereo pilot voltage
level (RMS value)
−
50
−
mV
STon(rms)
pilot threshold voltage stereo
on (RMS value)
data STS = 1
−−
35
mV
data STS = 0
−−
30
mV
SToff(rms)
pilot threshold voltage stereo
off (RMS value)
data STS = 1
15
−−
mV
data STS = 0
10
−−
mV
Hys
hysteresis
−
2.5
−
dB
OUTL+R
output voltage level for 100%
modulation L + R at LINE OUT
input level adjusted via I2C-bus
(L + R; fi = 300 Hz);
monitoring LINE OUT
480
500
520
mV
α
cs
stereo channel separation L/R
at LINE OUT
aligned with dual tone 14%
modulation for each channel;
see Section “Adjustment
procedure” in Chapter
“Functional description”
fL = 300 Hz; fR = 3 kHz
25
35
−
dB
fL = 300 Hz; fR = 8 kHz
20
30
−
dB
fL = 300 Hz; fR = 10 kHz
15
25
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com