Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9852 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9852
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 22Page - NXP Semiconductors TDA9852 Datasheet HTML 23Page - NXP Semiconductors TDA9852 Datasheet HTML 24Page - NXP Semiconductors TDA9852 Datasheet HTML 25Page - NXP Semiconductors TDA9852 Datasheet HTML 26Page - NXP Semiconductors TDA9852 Datasheet HTML 27Page - NXP Semiconductors TDA9852 Datasheet HTML 28Page - NXP Semiconductors TDA9852 Datasheet HTML 29Page - NXP Semiconductors TDA9852 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
1997 Mar 11
26
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
Table 15 AVL attack time
Table 16 ADJ bit setting
Table 17 AVLON bit setting
Table 18 CCD bit setting
Table 19 STS bit setting (pilot threshold stereo on)
Table 20 Timing current setting
FUNCTION
DATA
AT1
AT2
Ratt = 420 Ω
00
Ratt = 730 Ω
10
Ratt = 1200 Ω
01
Ratt = 2100 Ω
11
FUNCTION
DATA
Stereo decoder operation mode
0
Auto adjustment of channel separation
1
FUNCTION
DATA
Automatic volume control off
0
Automatic volume control on
1
FUNCTION
DATA
Load current for normal AVL decay time
0
Increased load current
1
FUNCTION
DATA
STon ≤ 35 mV
1
STon ≤ 30 mV
0
FUNCTION
IS RANGE
DATA
TC2
TC1
TC0
+30%
1
0
0
+20%
1
0
1
+10%
1
1
0
Nominal
0
1
1
−10%
0
1
0
−20%
0
0
1
−30%
0
0
0
Table 21 Level adjust setting
GL
(dB)
DATA
L3
L2
L1
L0
+4.0
1111
+3.5
1110
+3.0
1101
+2.5
1100
+2.0
1011
+1.5
1010
+1.0
1001
+0.5
1000
0.0
0111
−0.5
0110
−1.0
0101
−1.5
0100
−2.0
0011
−2.5
0010
−3.0
0001
−3.5
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com