Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9852 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9852
Description  I2C-bus controlled BTSC stereo/SAP decoder and audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9852 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9852 Datasheet HTML 17Page - NXP Semiconductors TDA9852 Datasheet HTML 18Page - NXP Semiconductors TDA9852 Datasheet HTML 19Page - NXP Semiconductors TDA9852 Datasheet HTML 20Page - NXP Semiconductors TDA9852 Datasheet HTML 21Page - NXP Semiconductors TDA9852 Datasheet HTML 22Page - NXP Semiconductors TDA9852 Datasheet HTML 23Page - NXP Semiconductors TDA9852 Datasheet HTML 24Page - NXP Semiconductors TDA9852 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
1997 Mar 11
21
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP
decoder and audio processor
TDA9852
I2C-bus format to write (slave receives data)
Table 4
Explanation of I2C-bus format to write (slave receives data)
If more than 1 byte of DATA is transmitted, then auto-increment is performed, starting from the transmitted subaddress
and auto-increment of subaddress in accordance with the order of Table 5 is performed.
Table 5
Subaddress second byte after MAD
Note
1. In auto-increment mode it is necessary to insert 3 dummy data words between volume left and control 1.
Table 6
Definition of third byte, third byte after MAD and SAD
S
SLAVE ADDRESS
R/W
A
SUBADDRESS
A
DATA
A
P
NAME
DESCRIPTION
S
START condition
Standard SLAVE ADDRESS (MAD)
101 101 1
R/W
0 (write)
A
acknowledge; generated by the slave
SUBADDRESS (SAD)
see Table 5
DATA
see Table 6
P
STOP condition
FUNCTION
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Volume right
VR
0
0
0
0
0
0
0
0
Volume left
VL
0
0
0
0
0
0
0
1
Control 1 (note 1)
CON1
0
0
0
0
0
1
0
1
Control 2
CON2
0
0
0
0
0
1
1
0
Control 3
CON3
0
0
0
0
0
1
1
1
Alignment 1
ALI1
0
0
0
0
1
0
0
0
Alignment 2
ALI2
0
0
0
0
1
0
0
1
Alignment 3
ALI3
0
0
0
0
1
0
1
0
FUNCTION
REGISTER
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Volume right
VR
0
VR6
VR5
VR4
VR3
VR2
VR1
VR0
Volume left
VL
0
VL6
VL5
VL4
VL3
VL2
VL1
VL0
Control 1
CON1
GMU
AVLON
LOFF
CCD
0
SC2
SC1
SC0
Control 2
CON2
SAP
STEREO
TZCM
1
LMU
EF2
EF1
EF0
Control 3
CON3
0
0
0
0
L3
L2
L1
L0
Alignment 1
ALI1
0
0
0
A14
A13
A12
A11
A10
Alignment 2
ALI2
STS
0
0
A24
A23
A22
A21
A20
Alignment 3
ALI3
ADJ
AT1
AT2
0
1
TC2
TC1
TC0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com