Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873HS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 5Page - NXP Semiconductors TDA9873HS Datasheet HTML 6Page - NXP Semiconductors TDA9873HS Datasheet HTML 7Page - NXP Semiconductors TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors TDA9873HS Datasheet HTML 10Page - NXP Semiconductors TDA9873HS Datasheet HTML 11Page - NXP Semiconductors TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
2000 Apr 04
9
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Power supply
The different supply voltages and currents required for the
analog and digital circuits are derived from two internal
band gap reference circuits. One of the band gap circuits
internally generates a voltage of approximately 2.4 V,
independent of the supply voltage and temperature.
A voltage regulator circuit, connected to this voltage,
produces a constant voltage of 3.55 V which is used as an
internal reference voltage. The AF reference voltage Vref is
1
⁄2VCC. Good ripple rejection is achieved with the external
capacitor Cref =47 µF (16 V) in combination with an
internal resistor at pin 6. No additional DC load for 1
⁄2VCC
is allowed.
Analog ground (AGND, pin 7) and digital ground
(DGND, pin 27) should be connected directly to the IC.
Pin 13 is internal analog ground.
Power-on reset
When a Power-on reset is activated by switching on the
supply voltage or because of a supply voltage breakdown,
the 117/274 Hz DPLL, 117/274 Hz integrator and the
registers will be reset. Both AF channels (main and mono)
are muted. The ports are in position HIGH. Gain stereo
adjustment is 0 dB. Auto mute is active. For detailed
information see Table 12.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. ICC = 60 mA; Tamb =70 °C.
2. Machine model class B: C = 200 pF; L = 0.75
µH; R = 0 Ω.
3. Human body model class B: C = 100 pF; R = 1.5 k
Ω.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage (pin 28)
maximum chip
temperature of 125
°C;
note 1
0
6.8
V
Vi
input voltage at:
pins 1 to 6, 8 to 12, 14 to 26 and 31 to 44
0
VCC
V
pins 29 to 30
−0.3
VCC
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+70
°C
Ves
electrostatic handling voltage
note 2
−150
+150
V
note 3
−2500
+2500
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
TDA9873H
70
K/W
TDA9873HS
65
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com