Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873HS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9873HS Datasheet HTML 1Page - NXP Semiconductors TDA9873HS Datasheet HTML 2Page - NXP Semiconductors TDA9873HS Datasheet HTML 3Page - NXP Semiconductors TDA9873HS Datasheet HTML 4Page - NXP Semiconductors TDA9873HS Datasheet HTML 5Page - NXP Semiconductors TDA9873HS Datasheet HTML 6Page - NXP Semiconductors TDA9873HS Datasheet HTML 7Page - NXP Semiconductors TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2000 Apr 04
2
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
FEATURES
• Low power consumption
• Alignment-free multistandard FM sound demodulation
• No external intercarrier sound band-pass filters required
• Auto mute switchable via I2C-bus
• Multistandard A2 stereo sound decoder
• No adjustment for reduced channel separation
requirement
• De-emphasis time constant related to standard
• Very reliable digital identification of sound transmission
mode via I2C-bus, alignment-free
• No external filter for pilot input required
• I2C-bus transceiver with MAD (Module ADdress)
• I2C-bus control for all functions
• Stabilizer circuit for ripple rejection and constant output
level
• Additional mono output
• Pin aligned with TDA9874AH
• ESD protection on all pins.
GENERAL DESCRIPTION
The TDA9873H is an economic multistandard dual
FM demodulator and analog carrier stereo decoder with
I2C-bus control.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9873H
QFP44
plastic quad flat package; 44 leads (lead length 2.35 mm);
body 14
× 14 × 2.2 mm
SOT205-1
TDA9873HS
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com