Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873HS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA9873HS
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873HS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA9873HS Datasheet HTML 6Page - NXP Semiconductors TDA9873HS Datasheet HTML 7Page - NXP Semiconductors TDA9873HS Datasheet HTML 8Page - NXP Semiconductors TDA9873HS Datasheet HTML 9Page - NXP Semiconductors TDA9873HS Datasheet HTML 10Page - NXP Semiconductors TDA9873HS Datasheet HTML 11Page - NXP Semiconductors TDA9873HS Datasheet HTML 12Page - NXP Semiconductors TDA9873HS Datasheet HTML 13Page - NXP Semiconductors TDA9873HS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
2000 Apr 04
10
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
CHARACTERISTICS
VCC =5V; Tamb =25 °C; B/G standard (fSC1 = 5.5 MHz, fSC2 = 5.742 MHz, SC1/SC2=7dB, ∆fAF = 27 kHz,
fmod = 1 kHz, L = R, stereo mode); input level for first sound carrier Vi(FM)(rms) =50mV; fref = 4.000 MHz; measured in
application circuits of Figs 7 and 8; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 28)
VCC
supply voltage
4.5
5
6.6
V
ICC
supply current
40
60
75
mA
FM-PLL demodulator (pin 25); note 1
Vi(FM)(rms)
FM-PLL input voltage
(RMS value)
sensitivity for pull-in
first sound carrier
−−
6mV
second sound carrier
−−
1mV
level for gain controlled
operation; note 2
first sound carrier
6
−
150
mV
second sound carrier
1
−
100
mV
Vi(vid)(p-p)
allowable interference video
level (peak-to-peak value)
see Fig.3
Vi(FM1)(rms) =6mV
−−
160
mV
Vi(FM1)(rms) = 150 mV
−−
2V
Ri
input resistance
4
5
6
k
Ω
fi(FM)
FM-PLL operating frequencies
(switchable)
first sound carrier
M standard
−
4.5
−
MHz
B/G standard
−
5.5
−
MHz
I standard
−
6.0
−
MHz
D/K standard
−
6.5
−
MHz
second sound carrier
M standard
−
4.72
−
MHz
B/G standard
−
5.74
−
MHz
D/K (1) standard
−
6.26
−
MHz
D/K (2) standard
−
6.74
−
MHz
D/K (3) standard
−
5.74
−
MHz
∆f
FM
frequency windows of digital
acquisition help
narrow; note 3
−±225
−
kHz
wide; note 3
−±450
−
kHz
∆fAF
frequency deviation
THD < 1.5%; normal gain
−−
±62
kHz
THD < 1.5%; reduced gain
−−
±124
kHz
∆f
AF(ident)
frequency deviation for safe
identification
VCC = 5 V; stereo: 1 kHz L,
400 Hz R
−−
±125
kHz
α
AM
AM suppression
AM: fmod = 1 kHz; m = 0.3
referenced to 27 kHz
FM deviation
40
46
−
dB
KO(FM)
VCO steepness
∆fFM/∆VLF1,2
note 4
−
3.3
−
MHz/V
KD(FM)
phase detector steepness
∆ILF1,2/∆ϕ(VFM)
note 4
−
4
−µA/rad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com