Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9873 Datasheet HTML 14Page - NXP Semiconductors TDA9873 Datasheet HTML 15Page - NXP Semiconductors TDA9873 Datasheet HTML 16Page - NXP Semiconductors TDA9873 Datasheet HTML 17Page - NXP Semiconductors TDA9873 Datasheet HTML 18Page - NXP Semiconductors TDA9873 Datasheet HTML 19Page - NXP Semiconductors TDA9873 Datasheet HTML 20Page - NXP Semiconductors TDA9873 Datasheet HTML 21Page - NXP Semiconductors TDA9873 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MHB434
+
OUTM
(E3, E4, E5)
EXTM
SWITCH
1
2
3
4
5
6
6
5
4
3
2
1
(mute)
d
EXTL
d
EXTR
OUTR
d
1
2
3
4
5
6
6
5
4
3
2
1
6 dB
d = 6 dB attenuation
OUTL
6 dB
S
S
1
2
0/6 dB
0/
−6 dB
+ MUTE
0/6 dB
S is open
for
standard M
6 dB
for
standard M
B5, B7
+
acquisition
stereo
separation
adjust
−0.6 to +0.7 dB
B4 = 0
B4 = 0
B4 = 1
B4 = 1
(L)
(R)
STANDARD
DEPENDENT
DE-MATRIXING
CDE1
CDE2
DE-EMPHASIS
DE-MATRIX
LEVEL + STEREO ADJUST
0/
−6 dB
+ MUTE
AF1I
AF2I
L
+ R
2
, M, A
L
− R
2
, B
R,
Fig.6 Audio part.
Example: For stereo mode (B4 = 1), OUTL is switched to position 4 and OUTR switched to position 5. For mono mode (B4 = 0), OUTL and OUTR are both switched to position 4.
This means: For mono/stereo switching, not only B4 but also the switch (stereo and mono output) must be set (see Tables 13 and 25).
Stereo output: internal/external source: B0 and B1; output switching: B2 and B3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com