Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA9873 Datasheet HTML 22Page - NXP Semiconductors TDA9873 Datasheet HTML 23Page - NXP Semiconductors TDA9873 Datasheet HTML 24Page - NXP Semiconductors TDA9873 Datasheet HTML 25Page - NXP Semiconductors TDA9873 Datasheet HTML 26Page - NXP Semiconductors TDA9873 Datasheet HTML 27Page - NXP Semiconductors TDA9873 Datasheet HTML 28Page - NXP Semiconductors TDA9873 Datasheet HTML 29Page - NXP Semiconductors TDA9873 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
2000 Apr 04
26
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
handbook, full pagewidth
MHB436
10 k
Ω
4.7
k
Ω
7.5 k
Ω
4.7
k
Ω
4.7
k
Ω
2.2
µF
470 nF
10 nF
470
nF
100 nF
TDA9873H
VCC
VCC
VCC
28
470 nF
SCL
SCL
29
SDA
SDA
30
LPF
31
5.6 k
Ω
3.3 nF
680 pF
5.6 k
Ω
3.3 nF
680 pF
LF2
18
n.c.
19
n.c.
20
n.c.
16
n.c.
12
n.c.
17
LF1
14
AFR
13
XTAL
15
n.c.
22
MAD
21
38
37
36
40
n.c.
OUTM
P2
Vref
EXTL
EXTR
EXTM
P1
CID
CTRIG
n.c.
44
39
42
43
41
34
35
DGND
AGND
CDE2
10 nF
CDE1
OUTR
AF1I
AF1O
27
CAF2
26
47 pF
IFINT
2.2
µF
2.2
µF
47
µF
470
nF
OUTL
4.7
nF
470
nF
470
nF
470
nF
25
470 nF
CAF1
24
n.c.
n.c.
n.c.
n.c.
n.c.
23
AF2O
32
470 nF
AF2I
33
6
5
4
3
7
8
9
10
11
2
1
IF
intercarrier
P2
VCC
P1
external inputs
Fig.8 Application circuit with potentiometer alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com