Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9873 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9873 Datasheet HTML 17Page - NXP Semiconductors TDA9873 Datasheet HTML 18Page - NXP Semiconductors TDA9873 Datasheet HTML 19Page - NXP Semiconductors TDA9873 Datasheet HTML 20Page - NXP Semiconductors TDA9873 Datasheet HTML 21Page - NXP Semiconductors TDA9873 Datasheet HTML 22Page - NXP Semiconductors TDA9873 Datasheet HTML 23Page - NXP Semiconductors TDA9873 Datasheet HTML 24Page - NXP Semiconductors TDA9873 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
2000 Apr 04
21
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
Table 9
Subaddress definition (second byte after slave address)
Note
1. Significant subaddress bits.
Table 10 Data definition (third byte after slave address)
Table 11 Bit functions of Table 10
Table 12 Data setting of third byte after Power-on reset; see note 1
Note
1. X = don’t care.
FUNCTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1(1)
D0(1)
Switching
00000000
Adjust/standard
00000001
Port
00000010
FUNCTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching data
B7
B6
B5
B4
B3
B2
B1
B0
Adjust/standard data
C7
C6
C5
C4
C3
C2
C1
C0
Port data
0
0
E5
E4
E3
E2
E1
E0
BITS
FUNCTION
B0 and B1
signal source select; see Table 14
B2 and B3
output signal select; see Table 13
B4
stereo setting bit; see Table 13
B5
output level switching; see Table 16
B6
mute bit; see Table 17
B7
auto mute enable; see Table 18
C0 to C3
stereo adjust; see Table 19
C4 to C6
standard switching; see Table 20
C7
identification response time; see Table 21
E0
port 1; see Table 22
E1
port 2; see Table 23
E2
test mode; see Table 24 (not for customer)
E3 to E5
mono output setting; see Table 25
FUNCTION
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Switching data
1
1
XXXXXX
Adjust/standard data
00000110
Port data
00111011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com