Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30170MFS Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR30170MFS
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30170MFS Datasheet(HTML) 4 Page - ON Semiconductor

  MBR30170MFS Datasheet HTML 1Page - ON Semiconductor MBR30170MFS Datasheet HTML 2Page - ON Semiconductor MBR30170MFS Datasheet HTML 3Page - ON Semiconductor MBR30170MFS Datasheet HTML 4Page - ON Semiconductor MBR30170MFS Datasheet HTML 5Page - ON Semiconductor MBR30170MFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MBR30170MFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Forward Current Derating of Case
Temperature
Figure 2. Forward Current Derating of Ambient
Temperature
TC, CASE TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
160
145
115
100
70
55
40
25
0
10
30
50
60
70
110
120
0
5
10
15
20
25
30
Figure 3. Typical Forward Characteristics
Figure 4. Maximum Forward Characteristics
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.2
1.0
1.4
0.8
0.6
0.4
0.2
0
0.1
1
10
100
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
Figure 5. Typical Reverse Characteristics
Figure 6. Maximum Reverse Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
160
120
100
80
60
40
20
0
1E−01
1E+00
140
120
100
80
60
40
20
0
Square Wave
(Duty = 0.5)
DC
TJ = 175°C
RqJCB = 0.65°C/W
85
130
175
20
40
80
90
100
D = 0.5
D = 0.3
D = 0.2
DC
160
145
115
100
70
55
40
25
85
130
175
TJ = 175°C
RqJA = 55°C/W
Square Wave
TA = 25°C
TA = 85°C
TA = −20°C
TA = −40°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = −40°C
TA = 25°C
TA = 125°C
TA = 25°C
TA = 85°C
TA = −20°C
TA = −40°C
TA = 175°C
TA = 150°C
TA = 125°C
TA = 25°C
TA = −40°C
TA = 125°C
140
1E−02
1E−03
1E−04
1E−05
1E−06
1E−07
1E−08
1E−09
1E−10
1E−11
1E−01
1E+00
1E−02
1E−03
1E−04
1E−05
1E−06
1E−07
1E−08
1E−09
1E−10
1E−11
160



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com