Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30170MFS Datasheet (PDF) - ON Semiconductor

MBR30170MFS Datasheet PDF - ON Semiconductor
Part # MBR30170MFS
Download  MBR30170MFS Download
File Size   205.66 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier

MBR30170MFS Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR30170MFS Datasheet PDF - ON Semiconductor

Part # MBR30170MFS
Download  MBR30170MFS Click to download

File Size   205.66 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Schottky Barrier Rectifier

MBR30170MFS Datasheet (HTML) - ON Semiconductor


MBR30170MFS Product details

This Schottky rectifier is high performance device in SO−8 FL
package. The lower forward voltage, less leakage current, and small
junction capacitance are suitable to high switching frequency high
density DC to DC conversion application. Offering higher avalanche
energy capability for Oring or reverse protection application. The
SO−8 FL package provides an excellent thermal performance, less
land area of board space, and low profile.
Features
• Lower Forward Voltage Drop
• Less Leakage Current in High Temperature
• Small Junction Capacitance for High Switching Frequency
• Higher Avalanche Energy Capability
• 175°C Operating Junction Temperature
• Good Alternative Solution of SMC and DPAK Package
• Small Footprint − Land Area: 31.2 mm2
• Low Profile − Maximum Height of 1.1 mm
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Mechanical Characteristics:
• Case: Molded Epoxy
• Epoxy Meets UL 94 V−0 @ 0.125 in
• Weight: 95 mg (Approximately)
• Lead and Mounting Surface Temperature for Soldering Purposes:
260°C Maximum for 10 Seconds
• MSL 1
Applications
• High Switching Frequency DC/DC Converter
• 2nd Rectifier
• Freewheeling Diode used with Inductive Load
• Oring / Reverse Protection




Similar Part No. - MBR30170MFS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30100 MCC-MBR30100 Datasheet
132Kb / 3P
30 Amp Rectifier 20 to 100 Volts Schottky Barrier
logo
Shenzhen Ping Sheng Ele...
MBR30100 PFS-MBR30100 Datasheet
305Kb / 3P
Schottky Barrier Rectifier
logo
Gaomi Xinghe Electronic...
MBR30100 GXELECTRONICS-MBR30100 Datasheet
540Kb / 3P
30 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
SeCoS Halbleitertechnol...
MBR30100 SECOS-MBR30100 Datasheet
146Kb / 2P
Voltage 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MBR30100 NJSEMI-MBR30100 Datasheet
123Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - MBR30170MFS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com