Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR30170MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR30170MFS
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR30170MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR30170MFS Datasheet HTML 1Page - ON Semiconductor MBR30170MFS Datasheet HTML 2Page - ON Semiconductor MBR30170MFS Datasheet HTML 3Page - ON Semiconductor MBR30170MFS Datasheet HTML 4Page - ON Semiconductor MBR30170MFS Datasheet HTML 5Page - ON Semiconductor MBR30170MFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR30170MFS
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
170
V
Continuous Forward Current (TC = 162°C, DC)
IF(DC)
30
A
Peak Repetitive Forward Current (TC = 159°C, Square Wave, Duty = 0.5)
IFRM
60
A
Non−Repetitive Peak Surge Current
Sinusoidal Halfwave, 8.3 ms
IFSM
540
A
Square wave, 1 ms
700
Square wave, 100 ms
1200
Non−Repetitive Avalanche Energy (TJ = 25°C)
EAS
280
mJ
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature Range (Note 1)
TJ
−55 to +175
°C
ESD Rating (Human Body Model)
3B
ESD Rating (Machine Model)
M4
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient dPD/dTJ < 1/RqJA
The reliability may be affected by leakage current when device operates near to rated voltage and maximum junction temperature.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
55
°C/W
Thermal Resistance, Junction−to−Case Bottom (Note 2)
RqJCB
0.65
°C/W
Thermal Characterization, Junction−to−Case Top (Note 2)
yJCT
3.5
°C/W
Thermal Characterization, Junction−to−Lead of Cathode (Note 2)
yJLC
1.4
°C/W
2. Assume 600 mm2, 1 oz. copper bond pad on a FR4 board.
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Instantaneous Forward Voltage
(IF = 15 A, TJ = 25°C)
(IF = 15 A, TJ = 125°C)
(IF = 30 A, TJ = 25°C)
(IF = 30 A, TJ = 125°C)
VF
0.76
0.62
0.81
0.68
−
−
0.89
0.74
V
Instantaneous Reverse Current
(VR = Rated DC Voltage, TJ = 25°C)
(VR = Rated DC Voltage, TJ = 125°C)
IR
0.5
1.0
50
10
mA
mA
Junction Capacitance
(VR = 1 V, TJ = 25°C, f = 1 MHz)
CJ
821
−
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com