Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5242 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF5242
Description  Brushless DC motor drive circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5242 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF5242 Datasheet HTML 4Page - NXP Semiconductors TDF5242 Datasheet HTML 5Page - NXP Semiconductors TDF5242 Datasheet HTML 6Page - NXP Semiconductors TDF5242 Datasheet HTML 7Page - NXP Semiconductors TDF5242 Datasheet HTML 8Page - NXP Semiconductors TDF5242 Datasheet HTML 9Page - NXP Semiconductors TDF5242 Datasheet HTML 10Page - NXP Semiconductors TDF5242 Datasheet HTML 11Page - NXP Semiconductors TDF5242 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1997 Sep 12
8
Philips Semiconductors
Preliminary specification
Brushless DC motor drive circuit
TDF5242T
The convention for the inputs (inverting or not) is the same
as for a normal operational amplifier: with a resistor (as a
load) connected from the output (AMP OUT) to the positive
supply, a positive-going voltage is found when the
non-inverting input (+AMP IN) is positive with respect to
the inverting input (
−AMP IN). Note that a ‘plus’ input
causes less current, and consequently a positive voltage.
MOTOR CONTROL
DC motors can also be operated with analog control using
the OTA.
For the analog control an external transistor is required.
The OTA can supply the base current for this transistor
and act as a control amplifier (see Fig.8).
FG SIGNAL
The FG (Frequency Generator) signal is generated in the
TDF5242T by using the zero-crossing of the motor EMF
from the three motor windings and the commutation signal.
Output FG switches from HIGH-to-LOW on all zero
crossings and from LOW-to-HIGH on all commutations.
Output FG can source typically 75
µA and sink more
than 3 mA.
Example: a 3-phase motor with 6 magnetic pole-pairs at
1500 rpm and with a full-wave drive has a commutation
frequency of 25
× 6 × 6 = 900 Hz, and generates a tacho
signal of 900 Hz.
DIRECTION FUNCTION
• If the voltage on pin 7 is <2.3 V the motor is running in
one direction (depending on the motor connections)
• If pin 7 is floating or the voltage is >2.7 V the motor is
running in the other direction.
BRAKE FUNCTION
• If the voltage on pin 9 (pin BRAKE) is <2.3 V the motor
brakes; in this condition the external outputs are driven
to a HIGH voltage level
• If pin 9 is floating or the voltage is >2.7 V the motor
runs normally.
RELIABILITY
The output stages are protected in two ways:
• Current limiting of the ‘lower’ output transistors.
The ‘upper’ output transistors use the same base
current as the conducting ‘lower’ transistor (+15%).
This means that the current to and from the output
stages is limited.
• Thermal protection of the six output transistors is
achieved in such a way that the transistors are switched
off when the junction temperature becomes too high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com