Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5242 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF5242
Description  Brushless DC motor drive circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5242 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF5242 Datasheet HTML 1Page - NXP Semiconductors TDF5242 Datasheet HTML 2Page - NXP Semiconductors TDF5242 Datasheet HTML 3Page - NXP Semiconductors TDF5242 Datasheet HTML 4Page - NXP Semiconductors TDF5242 Datasheet HTML 5Page - NXP Semiconductors TDF5242 Datasheet HTML 6Page - NXP Semiconductors TDF5242 Datasheet HTML 7Page - NXP Semiconductors TDF5242 Datasheet HTML 8Page - NXP Semiconductors TDF5242 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Sep 12
2
Philips Semiconductors
Preliminary specification
Brushless DC motor drive circuit
TDF5242T
FEATURES
• Full-wave commutation without position sensors
• Built-in start-up circuitry
• Six outputs that can drive three external transistor pairs:
– output current 0.2 A (typ.)
– low saturation voltage
– built-in current limiter
• Thermal protection
• Tacho output without extra sensor
• Transconductance amplifier for an external control
transistor
• Brake control input
• Direction control input.
APPLICATIONS
• High-power applications, for instance:
– high-end hard disk drives
– automotive applications.
GENERAL DESCRIPTION
The TDF5242T is a bipolar integrated circuit for driving
3-phase brushless DC motors in full-wave mode.
The device functions sensorless, thus saving 3 hall-effect
sensors, using the back-EMF (Electro Motive Force)
sensing technique to sense the rotor position. It includes
6 pre-drivers able to control external FETs (Field Effect
Transistors) or bipolar transistors. It offers brake and
direction control. It is ideally suited for high-power
applications such as high-end hard disk drives and
automotive applications.
QUICK REFERENCE DATA
Measured over full voltage and temperature range.
Note
1. An unstabilized supply can be used.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
note 1
4
−
18
V
VVMOT
input voltage to the output
driver stages
3
−
18
V
VO
driver output voltage
IO = 100 mA; lower transistor
−−
0.35
V
IO = 100 mA; upper transistor
1.05
−−
V
ILIM
current limiting
VVMOT = 14.5 V; RO =47 Ω
150
200
250
mA
TYPE
NUMBER
PACKAGE
NUMBER
DESCRIPTION
VERSION
TDF5242T
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com