Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF5242 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDF5242
Description  Brushless DC motor drive circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF5242 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDF5242 Datasheet HTML 1Page - NXP Semiconductors TDF5242 Datasheet HTML 2Page - NXP Semiconductors TDF5242 Datasheet HTML 3Page - NXP Semiconductors TDF5242 Datasheet HTML 4Page - NXP Semiconductors TDF5242 Datasheet HTML 5Page - NXP Semiconductors TDF5242 Datasheet HTML 6Page - NXP Semiconductors TDF5242 Datasheet HTML 7Page - NXP Semiconductors TDF5242 Datasheet HTML 8Page - NXP Semiconductors TDF5242 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1997 Sep 12
4
Philips Semiconductors
Preliminary specification
Brushless DC motor drive circuit
TDF5242T
PINNING
SYMBOL
PIN
DESCRIPTION
OUT-NB
1
driver output B for driving the
n-channel power FET or power NPN
OUT-PB
2
driver output B for driving the
p-channel power FET or power PNP
GND1
3
ground (0 V) motor supply return for
output stages
OUT-PC
4
driver output C for driving the
p-channel power FET or power PNP
OUT-NC
5
driver output C for driving the
n-channel power FET or power NPN
VMOT
6
input voltage for the output driver
stages
DIR
7
direction input command
TEST
8
test input/output
BRAKE
9
brake input
FG
10
frequency generator: output of the
rotation speed detector stage
GND2
11
ground supply return for control
circuits
n.c.
12
not connected
VP
13
supply voltage
CAP-CD
14
external capacitor connection for
adaptive communication delay timing
CAP-DC
15
external capacitor connection for
adaptive communication delay
timing copy
CAP-ST
16
external capacitor connection for
start-up oscillator
n.c.
17
not connected
CAP-TI
18
external capacitor connection for
timing
+AMP IN
19
non-inverting input of the
transconductance amplifier
−AMP IN
20
inverting input of the
transconductance amplifier
AMP OUT
21
transconductance amplifier output
(open collector)
COMP-A
22
comparator input corresponding to
output A
COMP-B
23
comparator input corresponding to
output B
COMP-C
24
comparator input corresponding to
output C
n.c.
25
not connected
MOT0
26
input from the star point of the motor
coils
OUT-NA
27
driver output A for driving the
n-channel power FET or power NPN
OUT-PA
28
driver output A for driving the
p-channel power FET or power PNP
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration.
handbook, halfpage
OUT-NB
OUT-PB
GND1
OUT-PC
OUT-NC
VMOT
DIR
TEST
BRAKE
FG
GND2
n.c.
VP
CAP-CD
OUT-PA
OUT-NA
MOT0
n.c.
COMP-B
COMP-A
COMP-C
AMP OUT
−AMP IN
+AMP IN
CAP-TI
n.c.
CAP-ST
CAP-DC
1
2
3
4
5
6
7
8
9
10
11
12
13
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
TDA5242T
MGG987



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com