Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA778 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA778
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA778 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA778 Datasheet HTML 1Page - Renesas Technology Corp 2SA778 Datasheet HTML 2Page - Renesas Technology Corp 2SA778 Datasheet HTML 3Page - Renesas Technology Corp 2SA778 Datasheet HTML 4Page - Renesas Technology Corp 2SA778 Datasheet HTML 5Page - Renesas Technology Corp 2SA778 Datasheet HTML 6Page - Renesas Technology Corp 2SA778 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA778(K), 2SA778A(K)
REJ03G0628-0300 Rev.3.00 Jul 30, 2007
Page 4 of 7
Base to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–0.1 –0.2
–0.5 –1.0 –2
–5 –10 –20
–50
IC = 10 IB
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
Ta
= 75
°C
50
25
0
–25
Collector to Base Voltage VCB (V)
Emitter to Base Voltage VEB (V)
0
2
4
6
8
10
12
–0.5 –1.0
–2
–5
–10
–20
–50
f = 1 MHz
Cib (IC = 0)
Cob (IE = 0)
Input and Output Capacitance vs.
Voltage
0
10
20
30
40
50
60
Collector Current IC (mA)
–0.5 –1.0
–2
–5
–10
–20
–50
Gain Bandwidth Product vs.
Collector Current
VCE = –3 V
Switching Time vs. Collector Current
0.01
0.02
0.05
0.1
0.2
0.5
2
5
1.0
Collector Current IC (mA)
–0.5–1.0 –2
–5 –10 –20
–50
toff
ton
td
tstg
IC = 10 IB1 = –10 IB2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com