Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA778 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SA778
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA778 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SA778 Datasheet HTML 1Page - Renesas Technology Corp 2SA778 Datasheet HTML 2Page - Renesas Technology Corp 2SA778 Datasheet HTML 3Page - Renesas Technology Corp 2SA778 Datasheet HTML 4Page - Renesas Technology Corp 2SA778 Datasheet HTML 5Page - Renesas Technology Corp 2SA778 Datasheet HTML 6Page - Renesas Technology Corp 2SA778 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA778(K), 2SA778A(K)
REJ03G0628-0300 Rev.3.00 Jul 30, 2007
Page 3 of 7
Main Characteristics
0
50
100
150
Ambient Temperature Ta (
°C)
Maximum Collector Dissipation Curve
300
200
100
Typical Output Characteristics (1)
Collector to Emitter Voltage VCE (V)
0–1
–2
–3
–4
–5
–50
–40
–30
–20
–10
IB = 0
–0.05 mA
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–1.0
–0.15
P
C =
200
mW
–0.9
–0.8
–0.7
Collector to Emitter Voltage VCE (V)
0
–40
–80
–120
–160
–200
Typical Output Characteristics (2)
–0.5
–0.4
–0.3
–0.2
–0.1
IB = 0
–1 µ
A
–2
–3
–4
Collector Cutoff Current vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
–300
–100
–30
–10
–3
–1.0
–0.3
–200
–160
–120
–80
–40
0
Ta =
25°
C
50
75
100
125
DC Current Transfer Ratio vs.
Collector Current
Collector Current IC (mA)
–1
–2
–5
–10
–20
–50
40
60
80
100
120
140
VCE = –3 V
Ta =
–25
°C
0
25
50
75
Collector to Emitter Saturation Voltage vs.
Collector Current
Collector Current IC (mA)
–0.1 –0.2
–0.5 –1.0 –2
–5 –10 –20
–50
0
–0.4
–0.8
–1.2
–1.6
–2.0
IC = 10 IB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com