Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA778 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SA778
Description  Silicon PNP Epitaxial
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA778 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SA778 Datasheet HTML 1Page - Renesas Technology Corp 2SA778 Datasheet HTML 2Page - Renesas Technology Corp 2SA778 Datasheet HTML 3Page - Renesas Technology Corp 2SA778 Datasheet HTML 4Page - Renesas Technology Corp 2SA778 Datasheet HTML 5Page - Renesas Technology Corp 2SA778 Datasheet HTML 6Page - Renesas Technology Corp 2SA778 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SA778(K), 2SA778A(K)
REJ03G0628-0300 Rev.3.00 Jul 30, 2007
Page 2 of 7
Electrical Characteristics
(Ta = 25°C)
2SA778(K)
2SA778A(K)
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test conditions
Collector to base
breakdown voltage
V(BR)CBO
–150
—
—
–180
—
—
V
IC = –50
µA, IE = 0
Collector to emitter
breakdown voltage
V(BR)CER
–150
—
—
–180
—
—
V
IC = –50
µA,
RBE = 30 k
Ω
Collector cutoff current
ICBO
—
—
–1.0
—
—
—
µA
VCB = –100 V, IE = 0
—
—
—
—
—
–1.0
µA
VCB = –150 V, IE = 0
Emitter cutoff current
IEBO
—
—
–1.0
—
—
–1.0
µA
VEB = –5 V, IC = 0
DC current transfer ratio
hFE
30
100
—
40
100
200
VCE = –3 V,
IE = –15 mA
Collector to emitter
saturation voltage
VCE(sat)
—
–0.3
–1.0
—
–0.3
–1.0
V
IC = –15 mA,
IB = –1 mA
Base to emitter saturation
voltage
VBE(sat)
—
–0.77
–1.0
—
–0.77
–1.0
V
IC = –15 mA,
IB = –1 mA
Collector output
capacitance
Cob
—
—
10
—
—
10
pF
VCB = –10 V, IE = 0,
f = 1 MHz
Gain bandwidth product
fT
—
50
—
—
50
—
MHz
VCE = –3 V,
IC = –15 mA
Turn on time
ton
—
135
—
—
135
—
ns
VCC = –10.3 V
Turn off time
toff
—
1.7
—
—
1.7
—
µs
IC = 10 IB1 = –10
IB2 = –10 mA
Storage time
tstg
—
—
1.0
—
—
1.0
µs
VCC = –10 V,
IC =–17 mA
IB1 = –1mA,
IB2 = –12 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com