Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4817-1ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4817-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Data Sheet
ADA4817-1/ADA4817-2
APPLICATIONS INFORMATION
analog.com
Rev. H | 26 of 29
HIGH SPEED JFET INPUT INSTRUMENTATION
AMPLIFIER
Figure 66 shows an example of a high speed instrumentation ampli-
fier with a high input impedance using the ADA4817-1/ADA4817-2.
The dc transfer function is
VOUT= VN−VP 1+2RFRG
(15)
For G = 1, it is recommended that the feedback resistors for the two
preamps be set to 0 Ω and the gain resistor be open.
The system bandwidth for G = 1 is 400 MHz. For gains higher than
2, the bandwidth is set by the preamp, and it can be approximated
by
In-amp−3 dB = (fCR × RG)/(2 × RF)
(16)
The match of resistor ratios, R1:R2 to R3:R4, primarily determine
the common-mode rejection of the in-amp and it is estimated by
VOVCM
= δ1−δ21+δ1δ2
(17)
The summing junction impedance for the preamps is equal to RF
|| 0.5(RG). Keep this value relatively low to improve the bandwidth
response like in the previous example.
Figure 66. High Speed Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com