Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADA4817-1ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADA4817-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
Data Sheet
ADA4817-1/ADA4817-2
APPLICATIONS INFORMATION
analog.com
Rev. H | 27 of 29
ACTIVE LOW-PASS FILTER (LPF)
Active low-pass filters are used in many applications such as
antialiasing filters and high frequency communication intermediate
frequency (IF) strips.
With a 410 MHz gain bandwidth product and high slew rate,
the ADA4817-1/ADA4817-2 is an ideal candidate for active filters.
Moreover, thanks to the low input bias current provided by the
FET stage, the ADA4817-1/ADA4817-2 eliminate any dc errors.
Figure 67 shows the frequency response of 90 MHz and 45 MHz
LPFs. In addition to the bandwidth requirements, the slew rate
must be capable of supporting the full power bandwidth of the filter.
In this case, a 90 MHz bandwidth with a 2 V p-p output swing
requires at least 870 V/µs. This performance is achievable at 90
MHz only because of the wide bandwidth and high slew rate of the
ADA4817-1/ADA4817-2.
The circuit shown in Figure 68 is a 4-pole, Sallen-Key LPF. The
filter comprises two identical cascaded Sallen-Key LPF sections,
each with a fixed gain of G = 2. The net gain of the filter is equal to
G = 4 or 12 dB. The actual gain shown in Figure 67 is 12 dB. This
gain does not take into account the output voltage being divided in
half by the series matching termination resistor, RT, and the load
resistor.
Setting the resistors equal to each other greatly simplifies the
design equations for the Sallen-Key filter. To achieve 90 MHz, set
the R value to 182 Ω. However, if the R value is doubled, the
corner frequency is cut in half to 45 MHz, which is a straightforward
approach to tune the filter by multiplying the R value (182 Ω) by
the ratio of 90 MHz and the new corner frequency in megahertz.
Figure 67 shows the output of each stage of the filter and the two
different filters corresponding to R = 182 Ω and R = 365 Ω. It is
not recommended to increase the corner frequency beyond 90 MHz
due to bandwidth and slew rate limitations, unless unity-gain stages
are acceptable.
Resistor values are kept low for minimal noise contribution, offset
voltage, and optimal frequency response. Due to the low capaci-
tance values used in the filter circuit, the PCB layout and minimiza-
tion of parasitics is critical. A few picofarads can detune the corner
frequency, fC, of the filter. The capacitor values shown in Figure 68
actually incorporate some stray PCB capacitance.
Capacitor selection is critical for optimal filter performance. Capaci-
tors with low temperature coefficients, such as NPO ceramic capac-
itors and silver mica, are good choices for filter elements.
Figure 67. Low-Pass Filter Response
Figure 68. 4-Pole, Sallen-Key LPF (ADA4817-2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com