Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4817-1ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4817-1ACPZ-R7
Description  Low Noise, 1 GHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4817-1ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4817-1ACPZ-R7 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Data Sheet
ADA4817-1/ADA4817-2
OUTLINE DIMENSIONS
©2008-2024 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. H | 29 of 29
Package Drawing (Option)
Package Type
Package Description
CP-8-13
LFCSP
8-Lead, Lead Frame Chip Scale Package
RD-8-1
SOIC_N_EP
8-Lead Standard Small Outline Package, with Exposed Pad
CP-16-20
LFCSP
16-Lead, Lead Frame Chip Scale Package
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: March 06, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADA4817-1ACPZ-R7
-40°C to +105°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-13
H1F
ADA4817-1ACPZ-RL
-40°C to +105°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 5000
CP-8-13
H1F
ADA4817-1ARDZ
-40°C to +105°C
8-Lead SOIC w/ EP
RD-8-1
ADA4817-1ARDZ-R7
-40°C to +105°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
ADA4817-1ARDZ-RL
-40°C to +105°C
8-Lead SOIC w/ EP
Reel, 2500
RD-8-1
ADA4817-2ACPZ-R7
-40°C to +105°C
16-Lead LFCSP (4mm x 4mm w/ EP)
Reel, 1500
CP-16-20
ADA4817-2ACPZ-RL
-40°C to +105°C
16-Lead LFCSP (4mm x 4mm w/ EP)
Reel, 5000
CP-16-20
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
ADA4817-2ACP-EBZ
Evaluation Board for 16-Lead LFCSP
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com