Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2G3236 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST2G3236
Description  2-bit dual supply bus transceiver level translator with a side series resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2G3236 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST2G3236 Datasheet HTML 5Page - STMicroelectronics ST2G3236 Datasheet HTML 6Page - STMicroelectronics ST2G3236 Datasheet HTML 7Page - STMicroelectronics ST2G3236 Datasheet HTML 8Page - STMicroelectronics ST2G3236 Datasheet HTML 9Page - STMicroelectronics ST2G3236 Datasheet HTML 10Page - STMicroelectronics ST2G3236 Datasheet HTML 11Page - STMicroelectronics ST2G3236 Datasheet HTML 12Page - STMicroelectronics ST2G3236 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ST2G3236
Electrical characteristics
9/20
Symbol Parameter
Test conditions
Value
Unit
VCCB
(1)
(V)
VCCA
(1)
(V)
TA = 25°C
-40 to 85°C
Min
Max
Min
Max
VOHB
High level
output
voltage
1.4
1.4 to
3.3V
IO = -100µA
1.3
1.3
V
1.8
IO = -100µA
1.6
1.6
2.75
IO = -20mA
2.2
2.2
2.75
IO = -15mA
1.7
1.7
2.3
IO = -4mA
1.44
1.44
1.65
IO = -2mA
1.5
1.5
1.4
IO = -2mA
1.25
1.25
VOLB
Low level
output
voltage
1.4
1.4 to
3.3V
IO= 100µA
0.1
0.1
V
1.8
IO= 100µA
0.2
0.2
2.75
IO= 20mA
0.55
0.55
2.75
IO= 15mA
0.35
0.35
2.3
IO= 4mA
0.39
0.39
1.65
IO= 2mA
0.20
0.20
1.4
IO= 2mA
0.15
0.15
IIB
Input
leakage
current
2.7
3.3
VI = VCC or GND
±0.5
±5
µA
1.4
2.7
VI = 3.6V or GND
±0.5
±5
IOZB
High
impedance
output
leakage
current
2.7
3.3
VIA = VIHA or VILA
VIB = GND or
3.6V
OE=VCCB
±1.0
±10
µA
ICCtB
Quiescent
supply
current
1.95
2.7
VIA=VCCA or GND
VIB=VCCB or GND
0.5
5
µA
1.95
3.3
2.7
3.3
∆ICCtB
Maximum
quiescent
supply
current /
input (Bn,
DIRn, OE)
1.95
2.7
VIB=VCCB - 0.6V
VIA=VCCA or GND
0.75
mA
1.95
3.3
2.7
3.3
1.
VCC range = 3.3 ± 0.3; 2.5 ± 0.2V; 1.8 ± 0.15V
Table 6.
DC specification for VCCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com