Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2G3236 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST2G3236
Description  2-bit dual supply bus transceiver level translator with a side series resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2G3236 Datasheet(HTML) 1 Page - STMicroelectronics

  ST2G3236 Datasheet HTML 1Page - STMicroelectronics ST2G3236 Datasheet HTML 2Page - STMicroelectronics ST2G3236 Datasheet HTML 3Page - STMicroelectronics ST2G3236 Datasheet HTML 4Page - STMicroelectronics ST2G3236 Datasheet HTML 5Page - STMicroelectronics ST2G3236 Datasheet HTML 6Page - STMicroelectronics ST2G3236 Datasheet HTML 7Page - STMicroelectronics ST2G3236 Datasheet HTML 8Page - STMicroelectronics ST2G3236 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2006
Rev 1
1/20
20
Features
■ High speed:
–tPD = 6.2ns (Max.) at TA = 85°C
–VCCB = 1.8V
–VCCA = 3.3V
■ Low power dissipation:
–ICCA = ICCB = 5µA (Max.) at TA = 85°C
■ Symmetrical output impedance:
–|IOHA| = IOLA = 7mA Min at VCCA = 2.75V;
VCCB = 1.65V or 2.3V
–|IOHB| = IOLB = 2mA Min at VCCA = 2.3V
or 3.0V; VCCB = 1.65V
■ Balanced propagation delays:
–TPLH
≈ T
PHL
■ Power down protections on inputs and outputs
■ 26
Ω series resistor on A side
■ Operating voltage range:
–VCCA (OPR) = 1.4V to 3.6V
–VCCB (OPR) = 1.4V to 3.6V
■ Max data rates:
– 380Mbps (1.8V to 3.3V translation)
– 260Mbps (<1.8V to 3.3V translation)
– 260Mbps (Translate to 2.5V)
– 210Mbps (Translate to 1.5V)
■ Latch-up performance exceeds 500mA
(JESD17)
■ ESD performance:
– HBM > 2kV (MIL STD 883 method 3015);
– MM > 200V
Description
The ST2G3236 is a dual supply low voltage
CMOS 2-bit Bus Transceiver fabricated with sub-
micron silicon gate and five-layer metal wiring
C2MOS technology. Designed for use as an
interface between a 3.3V bus and a 2.5V or 1.8V
bus in a mixed 3.3V/1.8V, 3.3V/2.5V and
2.5V/1.8V supply systems, it achieves high speed
operation while maintaining the CMOS low power
dissipation.
This IC is intended for two-way asynchronous
communication between data buses and the
direction of data transmission is determined by
DIR inputs. The A-port interfaces with the 3V bus,
the B-port with the 2.5V and 1.8V bus.
All inputs are equipped with protection circuits
against static discharge, giving them 2kV ESD
immunity and transient excess voltage.
QFN10 (1.8mm x 1.4mm)
ST2G3236
2-bit dual supply bus transceiver level translator
with a side series resistor
www.st.com
Order codes
Part number
Package
Packaging
ST2G3236
QFN10 (1.8mm x 1.4mm)
Tape and Reel


Similar Part No. - ST2G3236

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
ST2 MICRONETICS-ST2 Datasheet
90Kb / 2P
Legacy 10 kHz to 3000 MHz
logo
Switchcraft, Inc.
ST2 SWITCH-ST2 Datasheet
875Kb / 4P
EH Series Audio/Video/Data CONNECTORS
logo
E-SWITCH
ST2 E-SWITCH-ST2 Datasheet
122Kb / 1P
ST2 Series
logo
Eravant
ST2-011063N10-SF-S1 ERAVANT-ST2-011063N10-SF-S1 Datasheet
224Kb / 3P
SMA Coaxial White Gaussian Noise Generator, 0.01 to 6 GHz
Rev 1.0
logo
Superworld Electronics
ST2-10 SUPERWORLD-ST2-10 Datasheet
110Kb / 1P
POWER TRANSFORMER
More results

Similar Description - ST2G3236

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
09-May-2005
ST16C32245 STMICROELECTRONICS-ST16C32245 Datasheet
496Kb / 20P
14 BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR, A SIDE SERIES RESISTOR, 2 BIT I2C LINES
01-Oct-2004
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
01-Jun-2004
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
1-bit dual supply bus buffer level translator with A-side series resistor
16-Aug-2006
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
1-bit dual supply bus buffer level translator with A-side series resistor
03-Dec-2007
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
1-bit dual supply bus transceiver level translator with A-side series resistor
25-Jul-2007
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
4-bit dual supply bus buffer level translator with a side series resistor
14-Jun-2007
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
16-Mar-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com