Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2G3236 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2G3236
Description  2-bit dual supply bus transceiver level translator with a side series resistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2G3236 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2G3236 Datasheet HTML 6Page - STMicroelectronics ST2G3236 Datasheet HTML 7Page - STMicroelectronics ST2G3236 Datasheet HTML 8Page - STMicroelectronics ST2G3236 Datasheet HTML 9Page - STMicroelectronics ST2G3236 Datasheet HTML 10Page - STMicroelectronics ST2G3236 Datasheet HTML 11Page - STMicroelectronics ST2G3236 Datasheet HTML 12Page - STMicroelectronics ST2G3236 Datasheet HTML 13Page - STMicroelectronics ST2G3236 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Electrical characteristics
ST2G3236
10/20
4.3
AC electrical characteristics
Table 7.
AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCCB (V)
VCCA (V)
-40 to 85 °C
Min
Max
tPLH tPHL
Propagation delay time
An to Bn
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
5.8
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
6.2
2.5 ± 0.2
3.3 ± 0.3
1.0
4.4
tPLH tPHL
Propagation delay time
Bn to An
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
5.5
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
5.1
2.5 ± 0.2
3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output enable time OE
to An
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
5.4
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
5.1
2.5 ± 0.2
3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output enable time OE
to Bn
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
5.3
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
5.2
2.5 ± 0.2
3.3 ± 0.3
1.0
4.6
tPLZ tPHZ
Output disable time
OE to An
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
5.2
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
5.6
2.5 ± 0.2
3.3 ± 0.3
1.0
4.8
tPLZ tPHZ
Output disable time
OE to Bn
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
1.0
4.6
ns
1.8 ± 0.15
3.3 ± 0.3
1.0
4.5
2.5 ± 0.2
3.3 ± 0.3
1.0
4.4
tOSLH
tOSHL
Output to output skew
time (1) (2)
1.8 ± 0.15
2.5 ± 0.2
CL = 30pF
RL = 500Ω
0.5
ns
1.8 ± 0.15
3.3 ± 0.3
0.5
2.5 ± 0.2
3.3 ± 0.3
0.75
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the
same device switching in the same direction, either HIGH or LOW (Toslh = | tPLHm – tPLHn |, tOSHL = | tPHLm - tPHLn |
2.
Parameter guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com