Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GSZ Datasheet(PDF) 9 Page - Analog Devices

Part # OP481GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GSZ Datasheet(HTML) 9 Page - Analog Devices

Back Button OP481GSZ Datasheet HTML 5Page - Analog Devices OP481GSZ Datasheet HTML 6Page - Analog Devices OP481GSZ Datasheet HTML 7Page - Analog Devices OP481GSZ Datasheet HTML 8Page - Analog Devices OP481GSZ Datasheet HTML 9Page - Analog Devices OP481GSZ Datasheet HTML 10Page - Analog Devices OP481GSZ Datasheet HTML 11Page - Analog Devices OP481GSZ Datasheet HTML 12Page - Analog Devices OP481GSZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
OP281/OP481
Rev. D | Page 9 of 20
70
–30
1M
100
FREQUENCY (Hz)
1k
10k
100k
60
50
40
30
20
10
0
–10
–20
90
0
45
135
180
225
270
VS = ±5V
TA = 25°C
RL = 100kΩ TO GROUND
Figure 17. Open-Loop Gain and Phase vs. Frequency
60
50
40
30
20
10
0
–10
–20
–30
–40
1M
10
100
1k
10k
100k
FREQUENCY (Hz)
VS = 5V
TA = 25°C
RL = ∞
Figure 18. Closed-Loop Gain vs. Frequency
VS = 5V
TA = 25°C
MARKER @ 67nV/√Hz
10
8
6
4
2
0
FREQUENCY (kHz)
Figure 19. Voltage Noise Density vs. Frequency
80
70
60
50
40
30
20
10
0
90
–10
10M
1k
FREQUENCY (Hz)
10k
100k
1M
TA = 25°C
VS = ±5V
VS = +5V
VS = +3V
Figure 20. CMRR vs. Frequency
140
120
100
80
60
40
20
0
–20
160
–40
1M
10
100
1k
10k
100k
FREQUENCY (Hz)
VS = ±5V, +5V, +3V, +2.7V
TA = 25°C
RL = ∞
Figure 21. PSRR vs. Frequency
50
45
40
35
30
25
20
15
10
5
0
10
1000
LOAD CAPACITANCE (pF)
100
VS = +5V
VIN = ±50mV
RL = 100kΩ
TA = 25°C
–OS
+OS
Figure 22. Small-Signal Overshoot vs. Load Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com