Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GSZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP481GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP481GSZ Datasheet HTML 6Page - Analog Devices OP481GSZ Datasheet HTML 7Page - Analog Devices OP481GSZ Datasheet HTML 8Page - Analog Devices OP481GSZ Datasheet HTML 9Page - Analog Devices OP481GSZ Datasheet HTML 10Page - Analog Devices OP481GSZ Datasheet HTML 11Page - Analog Devices OP481GSZ Datasheet HTML 12Page - Analog Devices OP481GSZ Datasheet HTML 13Page - Analog Devices OP481GSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
OP281/OP481
Rev. D | Page 10 of 20
5
0
10
100k
FREQUENCY (Hz)
100
1k
10k
4
3
2
1
VS = 5V
VIN = 4V p-p
TA = 25°C
RL = ∞
Figure 23. Maximum Output Swing vs. Frequency
3
0
10
100k
FREQUENCY (Hz)
100
1k
10k
2
1
VS = 3V
VIN = 2V p-p
TA = 25°C
RL = ∞
Figure 24. Maximum Output Swing vs. Frequency
4.0
1.5
0
20
40
60
80
120
100
0
–20
–40
3.5
2.0
1.0
0.5
3.0
2.5
TEMPERATURE (°C)
VS = 3V
Figure 25. Supply Current/Amplifier vs. Temperature
20
40
60
80
120
100
0
–20
–40
4.5
1.5
0
4.0
2.0
1.0
0.5
3.0
3.5
2.5
TEMPERATURE (°C)
VS = 5V
Figure 26. Supply Current/Amplifier vs. Temperature
3.50
2.00
0
3.00
2.25
1.75
1.50
2.75
2.50
TA = 25°C
3.25
0.75
1.00
0.50
0.25
1.25
SUPPLY VOLTAGE (±V)
0.5
0
1.0
2.0
3.0
4.0
5.0
6.0
1.5
2.5
3.5
4.5
5.5
Figure 27. Supply Current/Amplifier vs. Supply Voltage
10
0%
100
90
0mV
A2
100µs
50mV
VS = ±2.5V
AV = 1
RL = 100kΩ
CL = 50pF
TA = 25°C
Figure 28. Small-Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com