Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP481GSZ Datasheet(PDF) 12 Page - Analog Devices

Part # OP481GSZ
Description  Ultralow Power, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP481GSZ Datasheet(HTML) 12 Page - Analog Devices

Back Button OP481GSZ Datasheet HTML 8Page - Analog Devices OP481GSZ Datasheet HTML 9Page - Analog Devices OP481GSZ Datasheet HTML 10Page - Analog Devices OP481GSZ Datasheet HTML 11Page - Analog Devices OP481GSZ Datasheet HTML 12Page - Analog Devices OP481GSZ Datasheet HTML 13Page - Analog Devices OP481GSZ Datasheet HTML 14Page - Analog Devices OP481GSZ Datasheet HTML 15Page - Analog Devices OP481GSZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
OP281/OP481
Rev. D | Page 12 of 20
10
0%
100
90
0V
A2
50µs
500mV
500mV
VIN = ±1V p-p
AT = 2kHz
VS = ±1.35V
RL = ∞
Figure 33. Saturation Recovery Time
10
0%
100
90
0V
A2
100µs
1V
500mV
VS = 2.5V
TA = 25°C
RL = ∞
CIRCUIT = AVOL
Figure 34. Saturation Recovery Time
120
–30
100
1M
FREQUENCY (Hz)
1k
10k
100k
105
–15
0
15
30
45
60
75
90
VS = 5V
TA = 25°C
RL = ∞
Figure 35. Channel Separation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com