Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845972-B21 Datasheet(PDF) 4 Page - Hewlett Packard Enterprise

Part # 845972-B21
Description  HPE 25G and 100G Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HPE [Hewlett Packard Enterprise]
Direct Link  https://www.hpe.com/emea_europe/en/home.html
Logo HPE - Hewlett Packard Enterprise

845972-B21 Datasheet(HTML) 4 Page - Hewlett Packard Enterprise

  845972-B21 Datasheet HTML 1Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 2Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 3Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 4Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 5Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 6Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 7Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 8Page - Hewlett Packard Enterprise  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QuickSpecs
HPE 25G and 100G Transceivers
Technical Specifications
Page 4
HPE 100Gb QSFP28
MPO SR4 100m
Transceiver
(845966-B21)
Notes: A 100-Gigabit transceiver in QSFP28 form-factor that supports the 4x25-Gigabit SR4
standard, providing 100-Gigabit connectivity up to 100m.
Ports
1 MPO 100-GbE port (IEEE 802.3 Type 100Gbase-SR4)
Connectivity
Connector type
MPO
Wavelength
850 nm
Physical characteristics Dimensions
0.72 x 2.86 x 0.33 in. (18.35 x 72.7 x 8.5 mm)
Weight
0.08 lb. (36 g)
Transceiver form factor QSFP28
Environment
Operating temperature 32°F to 158°F (0°C to 70°C)
Operating relative
humidity
0% to 85%, noncondensing
Non-operating/Storage
temperature
-40°F to 185°F (-40°C to 85°C)
Electrical characteristics Voltage Supply
3.3 V
Power consumption
maximum
3.5 W
Cabling
Cable type
OM3, OM4
Cable length
Up to 70m (OM3); up to 100m (OM4)
Fiber type
Multi-mode
Notes:
− For fiber patch cords, use Ultra Physical Contact (UPC) surface
termination/polish.
− Angled Physical Contact (APC) is not recommended.
Services
Refer to the Hewlett Packard Enterprise website
at:
https://www.hpe.com/us/en/servers.html for details on the service-
level descriptions and product numbers. For details about services and
response times in your area, please contact your local Hewlett Packard
Enterprise sales office.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com