Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845972-B21 Datasheet(PDF) 6 Page - Hewlett Packard Enterprise

Part # 845972-B21
Description  HPE 25G and 100G Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HPE [Hewlett Packard Enterprise]
Direct Link  https://www.hpe.com/emea_europe/en/home.html
Logo HPE - Hewlett Packard Enterprise

845972-B21 Datasheet(HTML) 6 Page - Hewlett Packard Enterprise

  845972-B21 Datasheet HTML 1Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 2Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 3Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 4Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 5Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 6Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 7Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 8Page - Hewlett Packard Enterprise  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
QuickSpecs
HPE 25G and 100G Transceivers
Technical Specifications
Page 6
HPE
100Gb/4x25G/4x32GFC
QSFP28 Transceiver
(882251-B21)
Ports
1 MPO 100-GbE port (IEEE 802.3 Type 100Gbase-SR4)
Connectivity
Connector type
MPO
Wavelength
850 nm
Physical characteristics Dimensions
0.72 x 4.81 x 0.51 in. (18.35 x 122.3 x 12.90
mm)
Weight
0.097 lb. (44 g)
Transceiver form factor QSFP28
Environment
Operating temperature 32ºF to 158ºF (0ºC to 70ºC)
Operating relative
humidity
5% to 95%, noncondensing
Non-operating/Storage
temperature
-40°F to 185°F (-40°C to 85°C)
Electrical characteristics Voltage Supply
3.3 V
Power consumption
maximum
3.5 W
Safety
IEC-60825
and CDRH eye safety
compliance
Classs1
Cabling
Cable type
OM3, OM4
Cable length
Link Distances 100m OM4 (1.0dB Loss) and
85m OM4 (1.5dB Loss)
Fiber type
Multi-mode
Notes:
− For fiber patch cords, use Ultra Physical Contact (UPC) surface termination/polish.
− Angled Physical Contact (APC) is not recommended.
Services
Refer to the Hewlett Packard Enterprise website
at:
https://www.hpe.com/us/en/servers.html for details on the service-
level descriptions and product numbers. For details about services and
response times in your area, please contact your local Hewlett Packard
Enterprise sales office.
Environment-friendly Products and Approach - End-of-life Management and Recycling
Hewlett Packard Enterprise offers end-of-life
product return, trade-in, and recycling programs, in many geographic areas, for our
products. Products returned to Hewlett Packard Enterprise will be recycled, recovered or disposed of in a responsible manner.
The EU WEEE Directive (2012/19/EU) requires manufacturers to provide treatment information for each product type for use by
treatment facilities. This information (product disassembly instructions) is posted on the
Hewlett Packard Enterprise web site.
These instructions may be used by recyclers and other WEEE treatment facilities as well as Hewlett Packard Enterprise OEM
customers who integrate and re-sell Hewlett Packard Enterprise equipment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com