Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845972-B21 Datasheet(PDF) 1 Page - Hewlett Packard Enterprise

Part # 845972-B21
Description  HPE 25G and 100G Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HPE [Hewlett Packard Enterprise]
Direct Link  https://www.hpe.com/emea_europe/en/home.html
Logo HPE - Hewlett Packard Enterprise

845972-B21 Datasheet(HTML) 1 Page - Hewlett Packard Enterprise

  845972-B21 Datasheet HTML 1Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 2Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 3Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 4Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 5Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 6Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 7Page - Hewlett Packard Enterprise 845972-B21 Datasheet HTML 8Page - Hewlett Packard Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
QuickSpecs
HPE 25G and 100G Transceivers
Overview
Page 1
HPE 25G and 100G Transceivers
Models
HPE 25Gb SFP28 SR 100m Transceiver
845398-B21
HPE 100Gb QSFP28 MPO SR4 100m Transceiver
845966-B21
HPE 100Gb QSFP28 Bidirectional Transceiver
845972-B21
HPE Synergy 100GbE/4x25GbE/4x32GbFC QSFP28 Transceiver
882251-B21


Similar Part No. - 845972-B21

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8459 BELDEN-8459 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-060100 BELDEN-8459-060100 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-0601000 BELDEN-8459-0601000 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-060500 BELDEN-8459-060500 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8459-0605000 BELDEN-8459-0605000 Datasheet
222Kb / 2P
Electronic, 25 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results

Similar Description - 845972-B21

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
STA-100G-CWDM4 BEL-STA-100G-CWDM4 Datasheet
1Mb / 7P
Stratos 100G Transceivers QSFP28 100G CWDM4 2km Transceiver
STA-100G-PSM4 BEL-STA-100G-PSM4 Datasheet
1Mb / 7P
Stratos 100G Transceivers QSFP28 100G PSM4 500m Transceiver
STA-100G-SR4 BEL-STA-100G-SR4 Datasheet
1Mb / 8P
Stratos 100G Transceivers QSFP28 100G SR4 MMF 850nm Transceiver
logo
ATGBICS by Approved Tec...
DAC-Q28-4SFP28-25G-1.5M-C ATGBICS-DAC-Q28-4SFP28-25G-1.5M-C Datasheet
211Kb / 6P
DAC-Q28-4SFP28-25G-1.5M Dell Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (1.5m, Passive)
DAC-Q28-4SFP28-25G-2M-C ATGBICS-DAC-Q28-4SFP28-25G-2M-C Datasheet
211Kb / 6P
DAC-Q28-4SFP28-25G-2M Dell Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (2m, Passive)
DAC-Q28-4SFP28-25G-3M-C ATGBICS-DAC-Q28-4SFP28-25G-3M-C Datasheet
211Kb / 6P
DAC-Q28-4SFP28-25G-3M Dell Compatible Direct Attach Copper Breakout Cable 100G QSFP28 to 4x25G SFP28 (3m, Passive)
SFP28-25G-AOC25M-C ATGBICS-SFP28-25G-AOC25M-C Datasheet
272Kb / 6P
SFP28-25G-AOC25M Cisco Compatible Active Optical Cable 25G SFP28 (25m)
SFP28-25G-AOC5M-C ATGBICS-SFP28-25G-AOC5M-C Datasheet
272Kb / 6P
SFP28-25G-AOC5M Cisco Compatible Active Optical Cable 25G SFP28 (5m)
logo
Router-switch Ltd.
JG913A ROUTER-SWITCH-JG913A Datasheet
151Kb / 4P
HPE OfficeConnect 1620 24G Switch
JG927A ROUTER-SWITCH-JG927A Datasheet
152Kb / 4P
HPE 1920-48G Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com