Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60-C/SP Datasheet(PDF) 24 Page - Microchip Technology

Part # ENC28J60-C/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-C/SP Datasheet(HTML) 24 Page - Microchip Technology

Back Button ENC28J60-C/SP Datasheet HTML 20Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 21Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 22Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 23Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 24Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 25Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 26Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 27Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
ENC28J60
DS39662B-page 22
Preliminary
© 2006 Microchip Technology Inc.
3.3.4
PHSTAT REGISTERS
The PHSTAT1 and PHSTAT2 registers contain read-
only bits that show the current status of the PHY
module’s operations, particularly the conditions of the
communications link to the rest of the network.
The PHSTAT1 register (Register 3-5) contains the
LLSTAT bit; it clears and latches low if the physical
layer link has gone down since the last read of the
register. Periodic polling by the host controller can be
used to determine exactly when the link fails. It may be
particularly useful if the link change interrupt is not
used.
The PHSTAT1 register also contains a jabber status bit.
An Ethernet controller is said to be “jabbering” if it con-
tinuously transmits data without stopping and allowing
other nodes to share the medium. Generally, the jabber
condition indicates that the local controller may be
grossly violating the maximum packet size defined by
the IEEE specification. This bit latches high to indicate
that a jabber condition has occurred since the last read
of the register.
The PHSTAT2 register (Register 3-6) contains status
bits which report if the PHY module is linked to the
network and whether or not it is transmitting or
receiving.
3.3.5
PHID1 AND PHID2 REGISTERS
The PHID1 and PHID2 registers are read-only
registers. They hold constant data that help identify the
Ethernet controller and may be useful for debugging
purposes. This includes:
• The part number of the PHY module
(PPN5:PPN0)
• The revision level of the PHY module
(PREV3:PREV0); and
• The PHY Identifier, as part of Microchip’s
corporate Organizationally Unique Identifier (OUI)
(OUI3:OUI24)
The PHY part number and revision are part of PHID2.
The upper two bytes of the PHY identifier are located in
PHID1, with the remainder in PHID2. The exact
locations within registers are shown in Table 3-3.
The 22 bits of the OUI contained in the PHY Identifier
(OUI3:OUI24, corresponding to PHID1<15:0> and
PHID2<15:10>) are concatenated with ‘00’ as the first
two digits (OUI1 and OUI2) to generate the entire OUI.
For convenience, this 24-bit string is usually interpreted
in hexadecimal; the resulting OUI for Microchip Tech-
nology is 0004A3h.
Revision information is also stored in EREVID. This is
a read-only control register which contains a 5-bit
identifier for the specific silicon revision level of the
device. Details of this register are shown in Table 3-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com