Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60-C/SP Datasheet(PDF) 11 Page - Microchip Technology

Part # ENC28J60-C/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-C/SP Datasheet(HTML) 11 Page - Microchip Technology

Back Button ENC28J60-C/SP Datasheet HTML 7Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 8Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 9Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 10Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 11Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 12Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 13Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 14Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 9
ENC28J60
REGISTER 2-2:
PHLCON: PHY MODULE LED CONTROL REGISTER
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
r
r
r
r
LACFG3
LACFG2
LACFG1
LACFG0
bit 15
bit 8
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-x
LBCFG3
LBCFG2
LBCFG1
LBCFG0
LFRQ1
LFRQ0
STRCH
r
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Reserved: Write as ‘0’
bit 13-12
Reserved: Write as ‘1’
bit 11-8
LACFG3:LACFG0: LEDA Configuration bits
1111
= Reserved
1110
= Display duplex status and collision activity (always stretched)
1101
= Display link status and transmit/receive activity (always stretched)
1100
= Display link status and receive activity (always stretched)
1011
= Blink slow
1010
= Blink fast
1001
= Off
1000
= On
0111
= Display transmit and receive activity (stretchable)
0110
= Reserved
0101
= Display duplex status
0100
= Display link status
0011
= Display collision activity (stretchable)
0010
= Display receive activity (stretchable)
0001
= Display transmit activity (stretchable)
0000
= Reserved
bit 7-4
LBCFG3:LBCFG0: LEDB Configuration bits
1110
= Display duplex status and collision activity (always stretched)
1101
= Display link status and transmit/receive activity (always stretched)
1100
= Display link status and receive activity (always stretched)
1011
= Blink slow
1010
= Blink fast
1001
= Off
1000
= On
0111
= Display transmit and receive activity (stretchable)
0110
= Reserved
0101
= Display duplex status
0100
= Display link status
0011
= Display collision activity (stretchable)
0010
= Display receive activity (stretchable)
0001
= Display transmit activity (stretchable)
0000
= Reserved
bit 3-2
LFRQ1:LFRQ0: LED Pulse Stretch Time Configuration bits (see Table 2-1)
11
= Reserved
10
= Stretch LED events by TLSTRCH
01
= Stretch LED events by TMSTRCH
00
= Stretch LED events by TNSTRCH
bit 1
STRCH: LED Pulse Stretching Enable bit
1
= Stretchable LED events will cause lengthened LED pulses based on LFRQ1:LFRQ0 configuration
0
= Stretchable LED events will only be displayed while they are occurring
bit 0
Reserved: Write as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com