Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60-C/SP Datasheet(PDF) 29 Page - Microchip Technology

Part # ENC28J60-C/SP
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60-C/SP Datasheet(HTML) 29 Page - Microchip Technology

Back Button ENC28J60-C/SP Datasheet HTML 25Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 26Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 27Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 28Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 29Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 30Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 31Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 32Page - Microchip Technology ENC28J60-C/SP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 27
ENC28J60
4.2.1
READ CONTROL REGISTER
COMMAND
The Read Control Register (RCR) command allows the
host controller to read any of the ETH, MAC and MII
registers in any order. The contents of the PHY regis-
ters are read via a special MII register interface (see
Section 3.3.1 “Reading PHY Registers” for more
information).
The RCR command is started by pulling the CS pin low.
The RCR opcode is then sent to the ENC28J60,
followed by a 5-bit register address (A4 through A0).
The 5-bit address identifies any of the 32 control
registers in the current bank. If the 5-bit address is an
ETH register, then data in the selected register will
immediately start shifting out MSb first on the SO pin.
Figure 4-3 shows the read sequence for these
registers.
If the address specifies one of the MAC or MII registers,
a dummy byte will first be shifted out the SO pin. After
the dummy byte, the data will be shifted out MSb first
on the SO pin. The RCR operation is terminated by
raising the CS pin. Figure 4-4 shows the read
sequence for MAC and MII registers.
FIGURE 4-3:
READ CONTROL REGISTER COMMAND SEQUENCE (ETH REGISTERS)
FIGURE 4-4:
READ CONTROL REGISTER COMMAND SEQUENCE
(MAC AND MII REGISTERS)
SO
SI
SCK
CS
0
234
567
89
10
11
12
13
14
15
1
76
54
32
10
Data Out
20
3
4
0
0
0
1
Opcode
Address
High-Impedance State
SO
SI
SCK
CS
0
234567
89
10 11 12 13 14 15 16 17 18 19 20 21 22
1
20
3
4
0
0
0
1
765432
10
Opcode
Dummy Byte
High-Impedance State
23
7
6543210
Data Byte Out
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com