Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # ENC28J60T-C/ML
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button ENC28J60T-C/ML Datasheet HTML 22Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 23Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 24Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 25Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 26Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 27Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 28Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 29Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
ENC28J60
DS39662B-page 24
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 3-6:
PHSTAT2: PHYSICAL LAYER STATUS REGISTER 2
U-0
U-0
R-0
R-0
R-0
R-0
R-x
U-0
—
—
TXSTAT
RXSTAT
COLSTAT
LSTAT
DPXSTAT(1)
—
bit 15
bit 8
U-0
U-0
R-0
U-0
U-0
U-0
U-0
U-0
—
—PLRITY
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
TXSTAT: PHY Transmit Status bit
1
= PHY is transmitting data
0
= PHY is not transmitting data
bit 12
RXSTAT: PHY Receive Status bit
1
= PHY is receiving data
0
= PHY is not receiving data
bit 11
COLSTAT: PHY Collision Status bit
1
= A collision is occuring
0
= A collision is not occuring
bit 10
LSTAT: PHY Link Status bit (non-latching)
1
=Link is up
0
=Link is down
bit 9
DPXSTAT: PHY Duplex Status bit(1)
1
= PHY is configured for full-duplex operation (PHCON1<8> is set)
0
= PHY is configured for half-duplex operation (PHCON1<8> is clear)
bit 8-6
Unimplemented: Read as ‘0’
bit 5
PLRITY: Polarity Status bit
1
= The polarity of the signal on TPIN+/TPIN- is reversed
0
= The polarity of the signal on TPIN+/TPIN- is correct
bit 4-0
Unimplemented: Read as ‘0’
Note 1:
Reset values of the Duplex mode/status bit depends on the connection of the LED to the LEDB pin (see
Section 2.6 “LED Configuration” for additional details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com