Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/ML Datasheet(PDF) 37 Page - Microchip Technology

Part # ENC28J60T-C/ML
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/ML Datasheet(HTML) 37 Page - Microchip Technology

Back Button ENC28J60T-C/ML Datasheet HTML 33Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 34Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 35Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 36Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 37Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 38Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 39Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 40Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 35
ENC28J60
REGISTER 6-2:
MACON3: MAC CONTROL REGISTER 3
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PADCFG2
PADCFG1
PADCFG0
TXCRCEN
PHDREN
HFRMEN
FRMLNEN
FULDPX
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
PADCFG2:PADCFG0: Automatic Pad and CRC Configuration bits
111
= All short frames will be zero padded to 64 bytes and a valid CRC will then be appended
110
= No automatic padding of short frames
101
= MAC will automatically detect VLAN Protocol frames which have a 8100h type field and auto-
matically pad to 64 bytes. If the frame is not a VLAN frame, it will be padded to 60 bytes. After
padding, a valid CRC will be appended.
100
= No automatic padding of short frames
011
= All short frames will be zero padded to 64 bytes and a valid CRC will then be appended
010
= No automatic padding of short frames
001
= All short frames will be zero padded to 60 bytes and a valid CRC will then be appended
000
= No automatic padding of short frames
bit 4
TXCRCEN: Transmit CRC Enable bit
1
= MAC will apend a valid CRC to all frames transmitted regardless of PADCFG. TXCRCEN must be
set if PADCFG specifies that a valid CRC will be appended.
0
= MAC will not append a CRC. The last 4 bytes will be checked and if it is an invalid CRC, it will be
reported in the transmit status vector.
bit 3
PHDREN: Proprietary Header Enable bit
1
= Frames presented to the MAC contain a 4-byte proprietary header which will not be used when
calculating the CRC
0
= No proprietary header is present. The CRC will cover all data (normal operation).
bit 2
HFRMEN: Huge Frame Enable bit
1
= Frames of any size will be allowed to be transmitted and receieved
0
= Frames bigger than MAMXFL will be aborted when transmitted or received
bit 1
FRMLNEN: Frame Length Checking Enable bit
1
= The type/length field of transmitted and received frames will be checked. If it represents a length, the
frame size will be compared and mismatches will be reported in the transmit/receive status vector.
0
= Frame lengths will not be compared with the type/length field
bit 0
FULDPX: MAC Full-Duplex Enable bit
1
= MAC will operate in Full-Duplex mode. PDPXMD bit must also be set.
0
= MAC will operate in Half-Duplex mode. PDPXMD bit must also be clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com