Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENC28J60T-C/ML Datasheet(PDF) 68 Page - Microchip Technology

Part # ENC28J60T-C/ML
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-C/ML Datasheet(HTML) 68 Page - Microchip Technology

Back Button ENC28J60T-C/ML Datasheet HTML 64Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 65Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 66Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 67Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 68Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 69Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 70Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 71Page - Microchip Technology ENC28J60T-C/ML Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
ENC28J60
DS39662B-page 66
Preliminary
© 2006 Microchip Technology Inc.
REGISTER 12-3:
EIR: ETHERNET INTERRUPT REQUEST (FLAG) REGISTER
U-0
R-0
R/C-0
R-0
R/C-0
R-0
R/C-0
R/C-0
—
PKTIF
DMAIF
LINKIF
TXIF
r
TXERIF
RXERIF
bit 7
bit 0
Legend:
R = Readable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6
PKTIF: Receive Packet Pending Interrupt Flag bit
1
= Receive buffer contains one or more unprocessed packets; cleared when PKTDEC is set
0
= Receive buffer is empty
bit 5
DMAIF: DMA Interrupt Flag bit
1
= DMA copy or checksum calculation has completed
0
= No DMA interrupt is pending
bit 4
LINKIF: Link Change Interrupt Flag bit
1
= PHY reports that the link status has changed; read PHIR register to clear
0
= Link status has not changed
bit 3
TXIF: Transmit Interrupt Flag bit
1
= Transmit request has ended
0
= No transmit interrupt is pending
bit 2
Reserved: Maintain as ‘0’
bit 1
TXERIF: Transmit Error Interrupt Flag bit
1
= A transmit error has occurred
0
= No transmit error has occurred
bit 0
RXERIF: Receive Error Interrupt Flag bit
1
= A packet was aborted because there is insufficient buffer space or the packet count is 255
0
= No receive error interrupt is pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com